Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST72F521R6TC Datasheet(PDF) 194 Page - STMicroelectronics

Part # ST72F521R6TC
Description  8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, FIVE TIMERS, SPI, SCI, I2C, CAN INTERFACE
PDF  211 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72F521R6TC Datasheet(HTML) 194 Page - STMicroelectronics

Back Button ST72F521R6TC Datasheet HTML 190Page - STMicroelectronics ST72F521R6TC Datasheet HTML 191Page - STMicroelectronics ST72F521R6TC Datasheet HTML 192Page - STMicroelectronics ST72F521R6TC Datasheet HTML 193Page - STMicroelectronics ST72F521R6TC Datasheet HTML 194Page - STMicroelectronics ST72F521R6TC Datasheet HTML 195Page - STMicroelectronics ST72F521R6TC Datasheet HTML 196Page - STMicroelectronics ST72F521R6TC Datasheet HTML 197Page - STMicroelectronics ST72F521R6TC Datasheet HTML 198Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 194 / 211 page
background image
ST72521
194/211
10-BIT ADC CHARACTERISTICS (Cont’d)
12.12.3 ADC Accuracy
Conditions: VDD=5V
Notes:
1. Injecting negative current on any of the analog input pins significantly reduces the accuracy of any conversion being
performed on any analog input.
Analog pins can be protected against negative injection by adding a Schottky diode (pin to ground). Injecting negative
current on digital input pins degrades ADC accuracy especially if performed on a pin close to the analog input pins.
Any positive injection current within the limits specified for IINJ(PIN) and ΣIINJ(PIN) in Section 12.8 does not affect the ADC
accuracy.
2. Data based on characterization results, monitored in production.
Figure 118. ADC Accuracy Characteristics
Symbol
Parameter
Conditions
Typ
Max
Unit
|ET|
Total unadjusted error1)
4
LSB
EO
Offset error 1)
3
3.52)
EG
Gain Error 1)
-0.5
-22)
|ED|
Differential linearity error 1)
CPU in run mode @ fADC 2 MHz.
1.5
4.52)
|EL|
Integral linearity error 1)
CPU in run mode @ fADC 2 MHz.
1.5
4.52)
EO
EG
1LSBIDEAL
1LSB
IDEAL
V
AREF
V
SS A
–
1024
--------------------------------------------
=
Vin (LSBIDEAL)
(1) Example of an actual transfer curve
(2) The ideal transfer curve
(3) End point correlation line
ET=Total Unadjusted Error: maximum deviation
between the actual and the ideal transfer curves.
EO=Offset Error: deviation between the first actual
transition and the first ideal one.
EG=Gain Error: deviation between the last ideal
transition and the last actual one.
ED=Differential Linearity Error: maximum deviation
between actual steps and the ideal one.
EL=Integral Linearity Error: maximum deviation
between any actual transition and the end point
correlation line.
Digital Result ADCDR
1023
1022
1021
5
4
3
2
1
0
7
6
1234
567
1021 1022 1023 1024
(1)
(2)
ET
ED
EL
(3)
VAREF
VSSA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com