Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST72F521R6TC Datasheet(PDF) 206 Page - STMicroelectronics

Part # ST72F521R6TC
Description  8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, FIVE TIMERS, SPI, SCI, I2C, CAN INTERFACE
PDF  211 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72F521R6TC Datasheet(HTML) 206 Page - STMicroelectronics

Back Button ST72F521R6TC Datasheet HTML 202Page - STMicroelectronics ST72F521R6TC Datasheet HTML 203Page - STMicroelectronics ST72F521R6TC Datasheet HTML 204Page - STMicroelectronics ST72F521R6TC Datasheet HTML 205Page - STMicroelectronics ST72F521R6TC Datasheet HTML 206Page - STMicroelectronics ST72F521R6TC Datasheet HTML 207Page - STMicroelectronics ST72F521R6TC Datasheet HTML 208Page - STMicroelectronics ST72F521R6TC Datasheet HTML 209Page - STMicroelectronics ST72F521R6TC Datasheet HTML 210Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 206 / 211 page
background image
ST72521
206/211
15 IMPORTANT NOTES
15.1 Silicon Identification
This section refers to ST72F521/ST72521 devices
shown in Table 31 and Table 32. They are identifi-
able both by the last letter of the Trace code
marked on the device package and by the last 3
digits of the Internal Sales Type printed on the
box label.
Table 31. Flash Device Identification
Table 32. ROM Device Identification
15.2 ALL FLASH AND ROM DEVICES
15.2.1 External RC option
The External RC clock source option described in
previous datasheet revisions is no longer support-
ed and has been removed from this specification.
15.2.2 CSS Function
The Clock Security System function is not guaran-
teed. The features described in Section 6.4.3 are
subject to revision.
15.2.3 Safe Connection of OSC1/OSC2 Pins
The OSC1 and/or OSC2 pins must not be left un-
connected otherwise the ST7 main oscillator may
start and, in this configuration, could generate an
fOSC clock frequency in excess of the allowed
maximum (>16MHz.), putting the ST7 in an un-
safe/undefined state. Refer to Section 6.2 on page
25.
15.2.4 Unexpected Reset Fetch
If an interrupt request occurs while a "POP CC" in-
struction is executed, the interrupt controller does
not recognise the source of the interrupt and, by
default, passes the RESET vector address to the
CPU.
Workaround
To solve this issue, a "POP CC" instruction must
always be preceded by a "SIM" instruction.
15.2.5 Internal RC Oscillator with LVD
The internal RC can only be used if LVD is ena-
bled.
15.2.6 Read-out protection with LVD
The LVD is not supported if the read-out protection
is enabled.
15.2.7 16-bit Timer PWM Mode
In PWM mode, the first PWM pulse is missed after
writing the value FFFCh in the OC1R register
(OC1HR, OC1LR). It leads to either full or no PWM
during a period, depending on the OLVL1 and
OLVL2 settings.
15.2.8 I/O behaviour during ICC mode entry
sequence
Symptom
In 80-pin devices (Flash), both Port G and H are
forced to output push-pull during ICC mode entry
sequence. 80-pin ROM devices are not impacted
by this issue.
Details
Part
Number
Trace Code
marked on device
Internal Sales Type
on box label
ST72F521
xxxx
“xxxxxxxxxQ”
(current revision)
72F521xxxx$A2
72F521xxxx$U2
ST72F521
xxxx
“xxxxxxxxxR”
72F521xxxx$A9
72F521xxxx$U9
ST72F521
xxxx
“xxxxxxxxxS”
72F521xxxx$U8
Part
Number
Trace Code
marked on device
Internal Sales Type
on box label
ST72521x
xxx
“xxxxxxxxxW”
72521xxxx/xxx$D5
72521xxxx/xxx$U5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com