Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST72F521R6TC Datasheet(PDF) 207 Page - STMicroelectronics

Part # ST72F521R6TC
Description  8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, FIVE TIMERS, SPI, SCI, I2C, CAN INTERFACE
PDF  211 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72F521R6TC Datasheet(HTML) 207 Page - STMicroelectronics

Back Button ST72F521R6TC Datasheet HTML 203Page - STMicroelectronics ST72F521R6TC Datasheet HTML 204Page - STMicroelectronics ST72F521R6TC Datasheet HTML 205Page - STMicroelectronics ST72F521R6TC Datasheet HTML 206Page - STMicroelectronics ST72F521R6TC Datasheet HTML 207Page - STMicroelectronics ST72F521R6TC Datasheet HTML 208Page - STMicroelectronics ST72F521R6TC Datasheet HTML 209Page - STMicroelectronics ST72F521R6TC Datasheet HTML 210Page - STMicroelectronics ST72F521R6TC Datasheet HTML 211Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 207 / 211 page
background image
ST72521
207/211
To enable programming of all flash sectors, the
device must leave USER mode and be configured
in ICC mode. Once in ICC mode, the ICC protocol
enables an ST7 microcontroller to communicate
with an external controller (such as a PC). ICC
mode is entered by applying 39 pulses on the IC-
CDATA signal during reset. To enter ICC mode,
the device goes through other modes, some
modes are critical because the I/Os PG[7:0] and
PH[7:0] are forced to output push-pull.
Impact on the Application
The PG and PH I/O ports are forced to output
push-pull during three pulses on ICCDATA. In cer-
tain circumstances, this behaviour can lead to a
short-circuit between the I/O signals and VDD, VSS
or an output signal of another application compo-
nent.
In addition, switching these I/Os to output mode
can cause the application to leave reset state, dis-
turbing the ICC communication and preventing the
user from programming the flash.
15.2.9 CAN Cell Limitations
x=limitation present
1For details see Section 10.8.5 on page 144
2Software workaround possible using modified
WKPS bit.
3No software workaround possible. WKPS bit not
modified.
4Functionality modified for Unexpected Message
Transmission workaround.
Limitation
1
ST72F521
Rev “R” & “Q”
(Flash)
ST72F521 “S”
(Flash) &
ST72521 “W”
(ROM)
Omitted SOF bit
x
x
CPU write access
(more than one cycle)
corrupts CAN frame
xx
Unexpected Mes-
sage transmission
x
2
x
3
Bus Off State Not En-
tered
x
WKPS Functionality
x
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com