Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST7277 Datasheet(PDF) 3 Page - STMicroelectronics

Part # ST7277
Description  8-BIT USB MCU FOR MONITORS WITH UP TO 60K ROM, 2K RAM, ADC, TIMER, INFRA RED, SYNC, PWM/BRM, DDC/DMA, I2C & SCI
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7277 Datasheet(HTML) 3 Page - STMicroelectronics

  ST7277 Datasheet HTML 1Page - STMicroelectronics ST7277 Datasheet HTML 2Page - STMicroelectronics ST7277 Datasheet HTML 3Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3/3
ST7277
1.2 DEVICE SUMMARY
Information furnished is believed to be accurate and reliable. However, SGS-THOMSON Microelectronics assumes no
responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third
parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights
of SGS-THOMS ON Microelectronics. Specifications mentioned in this publication are subject to change without notice.
This publication supersedes and replaces all information previously supplied. SGS-THOMSON Microelectronics products
are not authorized for use as critical components in life support devices or systems without the express written approval
of SGS-THOMSON Microelectronics.
©1998 SGS-THOMSON Microelectronics - All Rights Reserved.
Purchase of I2C Components by SGS-THO MSON Microelectronics conveys a license under the Philips I2C Patent. Rights to use these
components in an I2C system is granted provided that the system conforms to the I2C Standard Specification as defined by Philips.
SGS-THOMSON Microelectronics GROUP OF COMPANIES
Australia - Brazil - Canada - China - France - Germany - Italy - Japan - Korea - Malaysia - Malta - Morocco - The Netherlands - Singapore
Spain - Sweden - Swit zerland - Taiwan - Thailand - United Kingdom - U.S.A.
PSDIP56
ST72771N9B1
ST72771N6B1
ST72771N5B1
ST72771N4B1
PQFP64
ST72771R9Q1
ST72771R6Q1
ST72771R5Q1
ST72771R4Q1
ROM (bytes)
60K
32K
24K
16K
RAM (bytes)
2K
1K
768
512
ADC
8 channels
8 channels
8 channels
8 channels
16-Bit Timer
1
1
1
1
I2C Bus
one multimaster
one multimaster
one multimaster
one multimaster
DDC/DMA
yes
yes
yes
yes
Sync Processor
yes
yes
yes
yes
PWM
999
9
I/O
32
32
32
32
USB
yes
yes
yes
yes
IR
yes
yes
yes
yes
SCI
yes
yes
yes
yes
EPROM Device
ST72E771N9D1 (CSDIP56) or ST72E771R9G1 (CQFP64)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com