Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB3510 Datasheet(PDF) 1 Page - TAITRON Components Incorporated

Part # MB3510
Description  TAITRON COMPONENTS INCORPORATED www.taitroncomponents.com
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

MB3510 Datasheet(HTML) 1 Page - TAITRON Components Incorporated

  MB3510 Datasheet HTML 1Page - TAITRON Components Incorporated MB3510 Datasheet HTML 2Page - TAITRON Components Incorporated MB3510 Datasheet HTML 3Page - TAITRON Components Incorporated MB3510 Datasheet HTML 4Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Rev. A/DX 2007-06-09
MB3505 – MB3510
35A Single-Phase
Bridge Rectifier
TAITRON COMPONENTS INCORPORATED www.taitroncomponents.com
Page 1 of 4
Tel: (800)-TAITRON
(800)-824-8766
(661)-257-6060
Fax: (800)-TAITFAX
(800)-824-8329
(661)-257-6415
35A Single-Phase Bridge Rectifier
Features
• Low Reverse Leakage Current
• Low Power Loss, High Efficiency
• Electrically Isolated Metal Case for
Max. Heat Dissipation
• Case to Terminal Isolation Voltage 2500V
• This series is UL recognized under component index,
File number E194718
• RoHS Compliant
Mechanical Data
Case:
KBPC (MB35) Metal case with faston lugs
Terminals:
Plated faston lugs
Polarity:
As marked on case
Mounting:
Through hole with #10 screw
Mounting Torque:
23 cm-kg (20 in-lbs) Max.
Weight:
30 grams
Maximum Ratings And Electrical Characteristics (T
amb=25˚C)
Symbol
Description
MB3505
MB351
MB352
MB354
MB356
MB358
MB3510
Unit
Conditions
VRRM
Max. Repetitive Peak
Reverse Voltage
50
100
200
400
600
800
1000
V
VRMS
Max. RMS Voltage
35
70
140
280
420
560
700
V
VDC
Max. DC blocking voltage
50
100
200
400
600
800
1000
V
IO
Average Rectified
Output Current
35
A
TA=60
˚C
IFSM
Non-Repetitive Peak
Forward Surge Current
400
A
8.3ms single half
sine-wave
superimposed on
rated load (JEDEC
method)
MB35
(Metal Case)


Similar Part No. - MB3510

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
MB3510 RECTRON-MB3510 Datasheet
27Kb / 2P
SINGLE-PHASE SILICON BRIDGE RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 35 Amperes)
logo
Bytes
MB3510 BYTES-MB3510 Datasheet
100Kb / 1P
SINGLE PHASE 35 AMP BRIDGE RECTIFIERS
logo
Dc Components
MB3510 DCCOM-MB3510 Datasheet
560Kb / 2P
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
Formosa MS
MB3510 FORMOSA-MB3510 Datasheet
41Kb / 2P
SINGLE PHASE 35 AMP BRIDGE RECTIFIERS
logo
Micro Commercial Compon...
MB3510 MCC-MB3510 Datasheet
86Kb / 2P
35 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
More results

Similar Description - MB3510

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M5296FP MITSUBISHI-M5296FP Datasheet
367Kb / 9P
5V CONSTANT-VOLTAGE POWER SUPPLY INCORPORATED WATCHDOG TINER IC
logo
Panasonic Semiconductor
AN5262N PANASONIC-AN5262N Datasheet
34Kb / 3P
Preamplifier-Incorporated Volume IC for TV 1-channel
logo
TAITRON Components Inco...
MB3505W TAITRON-MB3505W Datasheet
145Kb / 4P
TAITRON COMPONENTS INCORPORATED www.taitroncomponents.com
logo
Meder Electronic
MK9-1A66C MEDER-MK9-1A66C Datasheet
246Kb / 4P
Reed Sensor Incorporated into a Hirschmann Connector
logo
Renesas Technology Corp
M5296FP RENESAS-M5296FP Datasheet
4Mb / 10P
5V CONSTANT-VOLTAGE POWER SUPPLY INCORPORATED WATCHDOG TIMER IC
logo
CITIZEN ELECTRONICS CO....
LS47 CITIZEN-LS47 Datasheet
457Kb / 1P
LED-incorporated illumined type
logo
TE Connectivity Ltd
C-1534904 TEC-C-1534904 Datasheet
3Mb / 3P
DIESES ZEICHNUNGSDOKUMENT WIRD DU RACMHP INCORPORATED KONTROLLIERT.
C-1418448 TEC-C-1418448 Datasheet
457Kb / 1P
DIESES ZEICHNUNGSDOKUMENT WIRD DURCH AMP INCORPORATED KONTROLLIERT.
C-1418483 TEC-C-1418483 Datasheet
386Kb / 1P
DIESES ZEICHNUNGSDOKUMENT WIRD DURCH AMP INCORPORATED KONTROLLIERT.
logo
SHIKUES Electronics
MMBD1501A SKTECHNOLGY-MMBD1501A Datasheet
947Kb / 4P
Two element incorporated
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com