Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST72C171K2B Datasheet(PDF) 8 Page - STMicroelectronics

Part # ST72C171K2B
Description  8-BIT MCU with 8K FLASH, ADC, WDG, SPI, SCI, TIMERS SPGAs Software Programmable Gain Amplifiers, OP-AMP
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72C171K2B Datasheet(HTML) 8 Page - STMicroelectronics

Back Button ST72C171K2B Datasheet HTML 4Page - STMicroelectronics ST72C171K2B Datasheet HTML 5Page - STMicroelectronics ST72C171K2B Datasheet HTML 6Page - STMicroelectronics ST72C171K2B Datasheet HTML 7Page - STMicroelectronics ST72C171K2B Datasheet HTML 8Page - STMicroelectronics ST72C171K2B Datasheet HTML 9Page - STMicroelectronics ST72C171K2B Datasheet HTML 10Page - STMicroelectronics ST72C171K2B Datasheet HTML 11Page - STMicroelectronics ST72C171K2B Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 152 page
background image
ST72C171
8/152
1.3 MEMORY MAP
1.3.1 Introduction
Figure 4. Program Memory Map
Short Addressing
RAM
Stack
0100h
017Fh
0080h
00FFh
0000h
8 Kbytes
Interrupt & Reset Vectors
HW Registers
017Fh
0080h
007Fh
0180h
DFFFh
Reserved
(see Table 1.3.2)
E000h
FFDFh
FFE0h
FFFFh
(see Table 4)
256 bytes RAM
FLASH
(128 Bytes)
(128 Bytes)
Zero page



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com