Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST72C171K2B Datasheet(PDF) 142 Page - STMicroelectronics

Part # ST72C171K2B
Description  8-BIT MCU with 8K FLASH, ADC, WDG, SPI, SCI, TIMERS SPGAs Software Programmable Gain Amplifiers, OP-AMP
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72C171K2B Datasheet(HTML) 142 Page - STMicroelectronics

Back Button ST72C171K2B Datasheet HTML 138Page - STMicroelectronics ST72C171K2B Datasheet HTML 139Page - STMicroelectronics ST72C171K2B Datasheet HTML 140Page - STMicroelectronics ST72C171K2B Datasheet HTML 141Page - STMicroelectronics ST72C171K2B Datasheet HTML 142Page - STMicroelectronics ST72C171K2B Datasheet HTML 143Page - STMicroelectronics ST72C171K2B Datasheet HTML 144Page - STMicroelectronics ST72C171K2B Datasheet HTML 145Page - STMicroelectronics ST72C171K2B Datasheet HTML 146Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 142 / 152 page
background image
ST72C171
142/152
OP-AMP MODULE CHARACTERISTICS (Cont’d)
1) AVCL = Closed loop gain (repeater configuration)
2) Data based on characterization, not tested in production
3) Data guaranteed by design, not tested in production
4) Slew rate is the rate of change from 10% to 90% of the output voltage step.
OA3 Operational Amplifier
Symbol
Parameter
Condition
Min
Typ
Max
Unit
|Vio|
Input Offset Voltage
3
10
mV
ICC
Supply Current per amplifier
VDD=5.0V, AVCL=1, no
load1)
300
500
µA
CMR 2)
Common Mode Rejection Ratio
70
dB
SVR 2)
Supply Voltage Rejection Ratio
70
dB
Avd 2)
Voltage Gain
(RL=1KΩ)
100
V/mV
VOH
High Level Ouput Voltage
(RL=10KΩ) VDDA=5V
4.9
V
VOL
Low Level Ouput Voltage
(RL=10KΩ) VDDA=5V
0.10
V
ISC
2)
Short circuit Current Sourced
Short circuit Current Sunk
Vo= 1 connected to VSS
Vo= 0 connected to VDD
45
70
mA
mA
GPB
Gain Bandwidth Product
6
MHz
SR+
Slew Rate4)
AVCL=1
1)
1V/
µs
SR-
Slew Rate4)
AVCL=1
1)
1V/
µs
en 2)
Thermal Noise
50
Φm 2)
Phase margin
40
55
Degrees
Cin 3)
Input Capacitance
10
pF
Vicm
3)
Common Mode Input Voltage
Range
VSS-
0.2
VDD
+0.2
V
nV Hz 1
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com