Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST72321J7 Datasheet(PDF) 59 Page - STMicroelectronics

Part # ST72321J7
Description  8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, FIVE TIMERS, SPI, SCI, I2C INTERFACE
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72321J7 Datasheet(HTML) 59 Page - STMicroelectronics

Back Button ST72321J7 Datasheet HTML 55Page - STMicroelectronics ST72321J7 Datasheet HTML 56Page - STMicroelectronics ST72321J7 Datasheet HTML 57Page - STMicroelectronics ST72321J7 Datasheet HTML 58Page - STMicroelectronics ST72321J7 Datasheet HTML 59Page - STMicroelectronics ST72321J7 Datasheet HTML 60Page - STMicroelectronics ST72321J7 Datasheet HTML 61Page - STMicroelectronics ST72321J7 Datasheet HTML 62Page - STMicroelectronics ST72321J7 Datasheet HTML 63Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 185 page
background image
ST72321
59/185
MAIN CLOCK CONTROLLER WITH REAL TIME CLOCK (Cont’d)
Bit 0 = OIF
Oscillator interrupt flag
This bit is set by hardware and cleared by software
reading the MCCSR register. It indicates when set
that the main oscillator has reached the selected
elapsed time (TB1:0).
0: Timeout not reached
1: Timeout reached
CAUTION: The BRES and BSET instructions
must not be used on the MCCSR register to avoid
unintentionally clearing the OIF bit.
MCC BEEP CONTROL REGISTER (MCCBCR)
Read /Write
Reset Value: 0000 0000 (00h)
Bit 7:2 = Reserved, must be kept cleared.
Bit 1:0 = BC[1:0]
Beep control
These 2 bits select the PF1 pin beep capability.
The beep output signal is available in ACTIVE-
HALT mode but has to be disabled to reduce the
consumption.
Table 14. Main Clock Controller Register Map and Reset Values
70
000000
BC1
BC0
BC1
BC0
Beep mode with fOSC2=8MHz
00
Off
0
1
~2-KHz
Output
Beep signal
~50% duty cycle
1
0
~1-KHz
1
1
~500-Hz
Address
(Hex.)
Register
Label
76
54321
0
002Bh
SICSR
Reset Value
AVDS
0
AVDIE
0
AVDF
0
LVDRF
x0
CSSIE
0
CSSD
0
WDGRF
x
002Ch
MCCSR
Reset Value
MCO
0
CP1
0
CP0
0
SMS
0
TB1
0
TB0
0
OIE
0
OIF
0
002Dh
MCCBCR
Reset Value
00
0000
BC1
0
BC0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com