Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST72C171K2B6 Datasheet(PDF) 89 Page - STMicroelectronics

Part # ST72C171K2B6
Description  8-BIT MCU with 8K FLASH, ADC, WDG, SPI, SCI, TIMERS SPGAs Software Programmable Gain Amplifiers, OP-AMP
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72C171K2B6 Datasheet(HTML) 89 Page - STMicroelectronics

Back Button ST72C171K2B6 Datasheet HTML 85Page - STMicroelectronics ST72C171K2B6 Datasheet HTML 86Page - STMicroelectronics ST72C171K2B6 Datasheet HTML 87Page - STMicroelectronics ST72C171K2B6 Datasheet HTML 88Page - STMicroelectronics ST72C171K2B6 Datasheet HTML 89Page - STMicroelectronics ST72C171K2B6 Datasheet HTML 90Page - STMicroelectronics ST72C171K2B6 Datasheet HTML 91Page - STMicroelectronics ST72C171K2B6 Datasheet HTML 92Page - STMicroelectronics ST72C171K2B6 Datasheet HTML 93Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 152 page
background image
ST72C171
89/152
7.8 SERIAL PERIPHERAL INTERFACE (SPI)
7.8.1 Introduction
The Serial Peripheral Interface (SPI) allows full-
duplex, synchronous, serial communication with
external devices. An SPI system may consist of a
master and one or more slaves or a system in
which devices may be either masters or slaves.
The SPI is normally used for communication be-
tween the microcontroller and external peripherals
or another microcontroller.
Refer to the Pin Description chapter for the device-
specific pin-out.
7.8.2 Main Features
s
Full duplex, three-wire synchronous transfers
s
Master or slave operation
s
Four master mode frequencies
s
Maximum slave mode frequency = fCPU/2.
s
Four programmable master bit rates
s
Programmable clock polarity and phase
s
End of transfer interrupt flag
s
Write collision flag protection
s
Master mode fault protection capability.
7.8.3 General description
The SPI is connected to external devices through
4 alternate pins:
– MISO: Master In Slave Out pin
– MOSI: Master Out Slave In pin
– SCK: Serial Clock pin
–SS: Slave select pin
A basic example of interconnections between a
single master and a single slave is illustrated on
Figure 49.
The MOSI pins are connected together as are
MISO pins. In this way data is transferred serially
between master and slave (most significant bit
first).
When the master device transmits data to a slave
device via MOSI pin, the slave device responds by
sending data to the master device via the MISO
pin. This implies full duplex transmission with both
data out and data in synchronized with the same
clock signal (which is provided by the master de-
vice via the SCK pin).
Thus, the byte transmitted is replaced by the byte
received and eliminates the need for separate
transmit-empty and receiver-full bits. A status flag
is used to indicate that the I/O operation is com-
plete.
Four possible data/clock timing relationships may
be chosen (see Figure 52) but master and slave
must be programmed with the same timing mode.
Figure 49. Serial Peripheral Interface Master/Slave
8-BIT SHIFT REGISTER
SPI
CLOCK
GENERATOR
8-BIT SHIFT REGISTER
MISO
MOSI
MOSI
MISO
SCK
SCK
SLAVE
MASTER
SS
SS
+5V
MSBit
LSBit
MSBit
LSBit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com