Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST7265AR4M0 Datasheet(PDF) 12 Page - STMicroelectronics

Part # ST7265AR4M0
Description  LOW-POWER, FULL-SPEED USB 8-BIT MCU WITH 32K FLASH, 5K RAM, FLASH CARD I/F, TIMER, PWM, ADC, I2C, SPI
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7265AR4M0 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button ST7265AR4M0 Datasheet HTML 8Page - STMicroelectronics ST7265AR4M0 Datasheet HTML 9Page - STMicroelectronics ST7265AR4M0 Datasheet HTML 10Page - STMicroelectronics ST7265AR4M0 Datasheet HTML 11Page - STMicroelectronics ST7265AR4M0 Datasheet HTML 12Page - STMicroelectronics ST7265AR4M0 Datasheet HTML 13Page - STMicroelectronics ST7265AR4M0 Datasheet HTML 14Page - STMicroelectronics ST7265AR4M0 Datasheet HTML 15Page - STMicroelectronics ST7265AR4M0 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 166 page
background image
ST7265x
12/166
22
26
37
PD0
I/O
C
T
X
ei
1
X
X
Port D0
23
27
38
PD1
I/O
C
T
X
X
X
Port D1
24
28
39
PD2
I/O
C
T
X
X
X
Port D2
25
29
40
PD3
I/O
C
T
X
X
X
Port D3
26
30
41
PD4/OCMP1
I/O
C
T
X
X
X
Port D4
Timer Output Compare 1
1
27
31
42
PD5/OCMP2
I/O
C
T
X
X
X
Port D5
Timer Output Compare 21
28
32
43
PD6/AIN2
I/O
C
T
X
X
X
Port D6
Analog Input 21
-
33
44
PD7/AIN3
I/O
C
T
X
X
X
Port D7
Analog Input 31
-
34
45
PE0/DTC/AIN4
I/O
C
T
HS X
X
X
Port E0
Analog Input 41
/ DTC
-
35
46
PE1/DTC/AIN5
I/O
CT HS X
X
X
Port E1
Analog Input 5
1/ DTC
-
36
47
PE2/DTC/AIN6
I/O
CT HS X
X
X
Port E2
Analog Input 6
1/ DTC
-37
48
PE3/AIN7/DTC/
PWM0
I/O
CT
X
X
X
Port E3
Analog Input 71
/ DTC / PWM
Output 01
-
38
49
PE4/PWM1
I/O
CT
X
X
X
Port E4
PWM Output 1
1
29
39
50
VPP /ICCSEL
S
Flash programming voltage. Must be held low
in normal operating mode.
30
40
51
RESET
I/O
X
X
Bidirectional. This active low signal forces the
initialization of the MCU. This event is the top
priority non maskable interrupt. This pin is
switched low when the Watchdog has trig-
gered or VDD is low. It can be used to reset ex-
ternal peripherals.
-
-
52
PF0 / SCL
I/O
CT HS X
T
Port F0
I2C Serial Clock1
-
-
53
PF1 / SDA
I/O
CT HS X
T
Port F1
I2C Serial Data
1
-
-
54
PF2 / AIN0
I/O
CT
X
X
Port F2
Analog Input 0
1
-
-
55
PF3 / AIN1
I/O
CT
X
X
Port F3
Analog Input 11
-
-
56
PF4 / USBEN
I/O
CT HS X
T
Port F4
USB Power Management USB
Enable (alternate function se-
lected by option bit)
31
41
57
PF5 / ICCCLK
I/O
CT HS X
T
Port F5
ICC Clock Output
32
42
58
PF6 / ICCDATA
I/O
CT HS X
T
Port F6
ICC Data Input
33
43
59
VDD2
S
Main Power supply voltage (2.7V - 5.5V on
devices without LVD, otherwise 4V - 5.5V).
34
44
60
VDDA
S
Analog supply voltage
Pin
Pin Name
Level
Port / Control
Main
Function
(after reset)
Alternate Function
Input
Output
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com