Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBD7000 Datasheet(PDF) 2 Page - TAITRON Components Incorporated

Part # MMBD7000
Description  Dual Small Signal Switching Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

MMBD7000 Datasheet(HTML) 2 Page - TAITRON Components Incorporated

  MMBD7000 Datasheet HTML 1Page - TAITRON Components Incorporated MMBD7000 Datasheet HTML 2Page - TAITRON Components Incorporated MMBD7000 Datasheet HTML 3Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Dual Small Signal Switching Diode
Rev. A/AH 2007-11-17
MMBD7000
www.taitroncomponents.com
Page 2 of 3
Electrical Characteristics (T Ambient=25ºC unless noted otherwise)
Symbol
Description
Min.
Max.
Unit
Conditions
VBR
Reverse Breakdown Voltage
100
-
V
IR=100µA
-
1.0
VR=50V
-
3.0
VR=100V
IR
Leakage Current
-
100
µA
VR=50V, Tj=125° C
0.55
0.70
IF=1mA
0.67
0.82
IF=10mA
VF
Forward Voltage
0.75
1.10
V
IF=100mA
CD
Diode Capacitance
-
1.5
pF
VR=0V, f=1MHz
Trr
Reverse Recovery Time
-
4.0
nS
IF=10mA , IR=10mA,
Irr=1mA , RL=100Ω
Dimensions in inch (mm)
SOT-23



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com