Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST72622K2B1 Datasheet(PDF) 54 Page - STMicroelectronics

Part # ST72622K2B1
Description  LOW SPEED USB 8-BIT MCU WITH 3 ENDPOINTS, FLASH OR ROM MEMORY, LVD, WDG, 10-BIT ADC, 2 TIMERS, SCI, SPI
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72622K2B1 Datasheet(HTML) 54 Page - STMicroelectronics

Back Button ST72622K2B1 Datasheet HTML 50Page - STMicroelectronics ST72622K2B1 Datasheet HTML 51Page - STMicroelectronics ST72622K2B1 Datasheet HTML 52Page - STMicroelectronics ST72622K2B1 Datasheet HTML 53Page - STMicroelectronics ST72622K2B1 Datasheet HTML 54Page - STMicroelectronics ST72622K2B1 Datasheet HTML 55Page - STMicroelectronics ST72622K2B1 Datasheet HTML 56Page - STMicroelectronics ST72622K2B1 Datasheet HTML 57Page - STMicroelectronics ST72622K2B1 Datasheet HTML 58Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 132 page
background image
ST7262
54/132
TIMEBASE UNIT (Cont’d)
Table 17. TBU Register Map and Reset Values
Address
(Hex.)
Register
Label
7654
3210
0036h
TBUCV
Reset Value
CV7
0
CV6
0
CV5
0
CV4
0
CV3
0
CV2
0
CV1
0
CV0
0
0037h
TBUSR
Reset Value
-
0
CAS
0
OVF
0
ITE
0
TCEN
0
PR2
0
PR1
0
PR0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com