Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST7265AR6M1 Datasheet(PDF) 51 Page - STMicroelectronics

Part # ST7265AR6M1
Description  LOW-POWER, FULL-SPEED USB 8-BIT MCU WITH 32K FLASH, 5K RAM, FLASH CARD I/F, TIMER, PWM, ADC, I2C, SPI
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7265AR6M1 Datasheet(HTML) 51 Page - STMicroelectronics

Back Button ST7265AR6M1 Datasheet HTML 47Page - STMicroelectronics ST7265AR6M1 Datasheet HTML 48Page - STMicroelectronics ST7265AR6M1 Datasheet HTML 49Page - STMicroelectronics ST7265AR6M1 Datasheet HTML 50Page - STMicroelectronics ST7265AR6M1 Datasheet HTML 51Page - STMicroelectronics ST7265AR6M1 Datasheet HTML 52Page - STMicroelectronics ST7265AR6M1 Datasheet HTML 53Page - STMicroelectronics ST7265AR6M1 Datasheet HTML 54Page - STMicroelectronics ST7265AR6M1 Datasheet HTML 55Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 166 page
background image
ST7265x
51/166
I/O PORTS (Cont’d)
Figure 35. I/O Port General Block Diagram
Table 12. I/O Port Mode Options
Legend: NI - not implemented
Off - implemented not activated
On - implemented and activated
Note: The diode to VDD is not implemented in the true open drain pads. A local protection between the
pad and VSS is implemented to protect the device against positive stress.
Configuration Mode
Pull-Up
P-Buffer
Diodes
to VDD
to VSS
Input
Floating with/without Interrupt
Off
Off
On
On
Pull-up with/without Interrupt
On
Output
Push-pull
Off
On
Open Drain (logic level)
Off
True Open Drain
NI
NI
NI (see note)
DR
DDR
OR
PAD
VDD
ALTERNATE
ENABLE
ALTERNATE
OUTPUT
1
0
OR SEL
DDR SEL
DR SEL
PULL-UP
CONFIGURATION
P-BUFFER
(see table below)
N-BUFFER
PULL-UP
(see table below)
ANALOG
INPUT
If implemented
ALTERNATE
INPUT
VDD
DIODES
(see table below)
FROM
OTHER
BITS
EXTERNAL
SOURCE (eix)
INTERRUPT
POLARITY
SELECTION
CMOS
SCHMITT
TRIGGER
REGISTER
ACCESS
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com