Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST7265AR4M1 Datasheet(PDF) 93 Page - STMicroelectronics

Part # ST7265AR4M1
Description  LOW-POWER, FULL-SPEED USB 8-BIT MCU WITH 32K FLASH, 5K RAM, FLASH CARD I/F, TIMER, PWM, ADC, I2C, SPI
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7265AR4M1 Datasheet(HTML) 93 Page - STMicroelectronics

Back Button ST7265AR4M1 Datasheet HTML 89Page - STMicroelectronics ST7265AR4M1 Datasheet HTML 90Page - STMicroelectronics ST7265AR4M1 Datasheet HTML 91Page - STMicroelectronics ST7265AR4M1 Datasheet HTML 92Page - STMicroelectronics ST7265AR4M1 Datasheet HTML 93Page - STMicroelectronics ST7265AR4M1 Datasheet HTML 94Page - STMicroelectronics ST7265AR4M1 Datasheet HTML 95Page - STMicroelectronics ST7265AR4M1 Datasheet HTML 96Page - STMicroelectronics ST7265AR4M1 Datasheet HTML 97Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 166 page
background image
ST7265x
93/166
PWM/BRM GENERATOR (Cont’d)
PWM/BRM Outputs
The PWM/BRM outputs are assigned to dedicated
pins.
The PWM/BRM outputs can be connected to an
RC filter (see Figure 53 for an example).
The RC filter time must be higher than TCPUx64.
Figure 53. Typical PWM Output Filter
Table 29. 6-Bit PWM Ripple After Filtering
With RC filter (R=1K
Ω),
fCPU = 8 MHz
V
DD = 5V
PWM Duty Cycle 50%
R=Rext
Note: after a reset these pins are tied low by de-
fault and are not in a high impedance state.
Figure 54. PWM Simplified Voltage Output After Filtering
Cext
OUTPUT
VOLTAGE
STAGE
OUTPUT
Rext
Cext (µF)
V RIPPLE (mV)
0.128
78
1.28
7.8
12.8
0.78
V
DD
0V
0V
DD
V
Vripple (mV)
V
OUTAVG
"CHARGE"
"DISCHARGE"
"CHARGE"
"DISCHARGE"
0V
V
V
0V
OUTAVG
V
(mV)
ripple
V
"CHARGE"
"DISCHARGE"
"CHARGE"
"DISCHARGE"
PWMOUT
DD
DD
PWMOUT
OUTPUT
VOLTAGE
OUTPUT
VOLTAGE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com