Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST72631K1M0 Datasheet(PDF) 53 Page - STMicroelectronics

Part # ST72631K1M0
Description  LOW SPEED USB 8-BIT MCU FAMILY with up to 16K MEMORY, up to 512 BYTES RAM, 8-BIT ADC, WDG, TIMER, SCI & I2C
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72631K1M0 Datasheet(HTML) 53 Page - STMicroelectronics

Back Button ST72631K1M0 Datasheet HTML 49Page - STMicroelectronics ST72631K1M0 Datasheet HTML 50Page - STMicroelectronics ST72631K1M0 Datasheet HTML 51Page - STMicroelectronics ST72631K1M0 Datasheet HTML 52Page - STMicroelectronics ST72631K1M0 Datasheet HTML 53Page - STMicroelectronics ST72631K1M0 Datasheet HTML 54Page - STMicroelectronics ST72631K1M0 Datasheet HTML 55Page - STMicroelectronics ST72631K1M0 Datasheet HTML 56Page - STMicroelectronics ST72631K1M0 Datasheet HTML 57Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 109 page
background image
ST7263
53/109
16-BIT TIMER (Cont’d)
Table 17. 16-Bit Timer Register Map and Reset Values
Address
(Hex.)
Register
Label
76
543
210
11
CR2
Reset Value
OC1E
0
OC2E
0
OPM
0
PWM
0
CC1
0
CC0
0
IEDG2
0
EXEDG
0
12
CR1
Reset Value
ICIE
0
OCIE
0
TOIE
0
FOLV2
0
FOLV1
0
OLVL2
0
IEDG1
0
OLVL1
0
13
SR
Reset Value
ICF1
0
OCF1
0
TOF
0
ICF2
0
OCF2
0
0
0
0
0
0
0
14
IC1HR
Reset Value
MSB
LSB
15
IC1LR
Reset Value
MSB
LSB
16
OC1HR
Reset Value
MSB
1
-
0
-
0
-
0
-
0
-
0
-
0
LSB
0
17
OC1LR
Reset Value
MSB
0
-
0
-
0
-
0
-
0
-
0
-
0
LSB
0
18
CHR
Reset Value
MSB
1
-
1
-
1
-
1
-
1
-
1
-
1
LSB
1
19
CLR
Reset Value
MSB
1
-
1
-
1
-
1
-
1
-
1
-
0
LSB
0
1A
ACHR
Reset Value
MSB
1
-
1
-
1
-
1
-
1
-
1
-
1
LSB
1
1B
ACLR
Reset Value
MSB
1
-
1
-
1
-
1
-
1
-
1
-
0
LSB
0
1C
IC2HR
Reset Value
MSB
LSB
1D
IC2LR
Reset Value
MSB
LSB
1E
OC2HR
Reset Value
MSB
1
-
0
-
0
-
0
-
0
-
0
-
0
LSB
0
1F
OC2LR
Reset Value
MSB
0
-
0
-
0
-
0
-
0
-
0
-
0
LSB
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com