Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST72E631K1M0 Datasheet(PDF) 107 Page - STMicroelectronics

Part # ST72E631K1M0
Description  LOW SPEED USB 8-BIT MCU FAMILY with up to 16K MEMORY, up to 512 BYTES RAM, 8-BIT ADC, WDG, TIMER, SCI & I2C
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72E631K1M0 Datasheet(HTML) 107 Page - STMicroelectronics

Back Button ST72E631K1M0 Datasheet HTML 101Page - STMicroelectronics ST72E631K1M0 Datasheet HTML 102Page - STMicroelectronics ST72E631K1M0 Datasheet HTML 103Page - STMicroelectronics ST72E631K1M0 Datasheet HTML 104Page - STMicroelectronics ST72E631K1M0 Datasheet HTML 105Page - STMicroelectronics ST72E631K1M0 Datasheet HTML 106Page - STMicroelectronics ST72E631K1M0 Datasheet HTML 107Page - STMicroelectronics ST72E631K1M0 Datasheet HTML 108Page - STMicroelectronics ST72E631K1M0 Datasheet HTML 109Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 107 / 109 page
background image
ST7263
107/109
ST7263X MICROCONTROLLER OPTION LIST
Customer:
. . . . . . . . . . . . . . . . . . . . . . . . . . . .
Address:
. . . . . . . . . . . . . . . . . . . . . . . . . . . .
. . . . . . . . . . . . . . . . . . . . . . . . . . . .
Contact:
. . . . . . . . . . . . . . . . . . . . . . . . . . . .
Phone No:
. . . . . . . . . . . . . . . . . . . . . . . . . . . .
Reference : . . . . . . . . . . . . . . . . . . . . . . . . . . . .
STMicroelectronics references:
Device:
[ ] ST72631K4
[ ] ST72632K2
[ ] ST72633K1
Package:
[ ] Dual in Line Plastic
[ ] Small Outline Plastic
Specify conditioning
[ ] Standard (stick)
[ ] Tape & Reel
[ ] Die form
Specify conditioning
[ ] Inked unscribed wafers
[ ] Inked and scribed wafers
Special Marking:
[ ] No
[ ] Yes "_ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _"
For marking, one line is possible with maximum 13 characters.
Authorized characters are letters, digits, ’.’, ’-’, ’/’ and spaces only.
We have checked the ROM code verification file returned to us by STMicroelectronics. It conforms
exactly with the ROM code file orginally supplied. We therefore authorize STMicroelectronics to
proceed with device manufacture.
Signature
. . . . . . . . . . . . . . . . . . . . . . . . . . . .
Date
. . . . . . . . . . . . . . . . . . . . . . . . . . . .



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com