Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F368F3 Datasheet(PDF) 1 Page - Fox Electronics

Part # F368F3
Description  CERAMIC RESIN SEALED SMD CRYSTAL
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics

F368F3 Datasheet(HTML) 1 Page - Fox Electronics

  F368F3 Datasheet HTML 1Page - Fox Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
19
© 2004 FOX ELECTRONICS
FOXElectronics 5570 Enterprise Parkway Fort Myers, Florida 33905 USA +1(239)693-0099 FAX +1(239)693-1554 http://www.foxonline.com
FEATURES
• Low Cost
• Resin Sealed
• Tape and Reel (1,000 pcs. STD)
All specifications subject to change without notice. Rev.
6/1/04
CERAMIC RESIN SEALED SMD CRYSTAL
MODEL: FC
• STANDARD SPECIFICATIONS
PARAMETERS
Frequency Range
Frequency Tolerance @ 25ºC
Frequency Stability, ref @ 25ºC
Over Operating Temp Range
Temperature Range
Operating
(TOPR)
Storage
(TSTG)
Shunt Capacitance
(Co)
Load Capacitance
(CL)
Drive Level
Aging per year
3.200 ~ 7.200 MHz
±50 PPM
±50 PPM
-10ºC ~ +60ºC
-40ºC ~ +85ºC
7.0 pF
10 pF ~ Series
(Customer Specified)
0.1 mW
±5 PPM
3.200 ~ 3.499
3.499+ ~ 3.999
3.999+ ~ 4.399
4.399+ ~ 4.899
4.899+ ~ 5.999
5.999+ ~ 6.999
6.999+ ~ 7.200
Frequency Range
(MHz)
Fundamental
Fundamental
Fundamental
Fundamental
Fundamental
Fundamental
Fundamental
200
140
120
100
80
60
50
Operating Mode
Max ESR
Ω
Ω
Ω
Ω
Ω
All dimensions are in millimeters.
MAX (unless otherwise noted)
OPTIONS
• Tolerances to < 20 PPM
• Stabilities to < 15 PPM
• Temperatures to -40ºC ~ +85ºC
3.200 ~ 7.200
FC
Model Number
Part Number
217-Frequency-xxxxx
• PART NUMBER Learn More - Internet Required
Learn more about:
Part Marking Identification
Tape and Reel Specification
Internet required
Frequency Range (MHz)


Similar Part No. - F368F3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
F36-030 ETC2-F36-030 Datasheet
136Kb / 2P
Power Transformers
logo
TRIAD MAGNETICS
F36-030 TRIAD-F36-030 Datasheet
90Kb / 1P
PC MOUNT : SPLIT PACK
F36-030-C2 TRIAD-F36-030-C2 Datasheet
48Kb / 1P
CLASS 3 TRANSFORMER
logo
Systemsensor advanced i...
F36-05-00 SYSTEMSENSOR-F36-05-00 Datasheet
169Kb / 2P
High-Temperature Duct Smoke Detector
logo
TRIAD MAGNETICS
F36-065-C2 TRIAD-F36-065-C2 Datasheet
175Kb / 1P
CLASS 3 TRANSFORMER
More results

Similar Description - F368F3

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
FQA FOX-FQA Datasheet
79Kb / 1P
CERAMIC RESIN SEALED SMD CRYSTAL
32215FE FOX-32215FE Datasheet
84Kb / 1P
CERAMIC RESIN SEALED SMD CRYSTAL
FQ5032A FOX-FQ5032A_13 Datasheet
123Kb / 2P
Resin Sealed SMD Crystal
FC FOX-FC Datasheet
81Kb / 1P
CERAMIC RESIN SEALED SMD CRYSTAL
FE FOX-FE Datasheet
198Kb / 2P
Ceramic Resin Sealed SMD Crystal
FQ5032B-20 FOX-FQ5032B-20 Datasheet
502Kb / 2P
Resin Sealed SMD Crystal
FQ3225B-12.000 FOX-FQ3225B-12.000 Datasheet
467Kb / 2P
Resin Sealed SMD Crystal
FQ3225B-25.000 FOX-FQ3225B-25.000 Datasheet
467Kb / 2P
Resin Sealed SMD Crystal
FQ3225B-27.000 FOX-FQ3225B-27.000 Datasheet
467Kb / 2P
Resin Sealed SMD Crystal
FQ5032B-18.432 FOX-FQ5032B-18.432 Datasheet
502Kb / 2P
Resin Sealed SMD Crystal
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com