Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F4205 Datasheet(PDF) 1 Page - Fox Electronics

Part # F4205
Description  3.3V HCMOS CERAMIC SMD OSCILLATOR WITH STANDBY
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics

F4205 Datasheet(HTML) 1 Page - Fox Electronics

  F4205 Datasheet HTML 1Page - Fox Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
51
© 2004 FOX ELECTRONICS
FOXElectronics 5570 Enterprise Parkway Fort Myers, Florida 33905 USA +1(239)693-0099 FAX +1(239)693-1554 http://www.foxonline.com
FEATURES
• 3.3V Operation
• HCMOS Output
• Standby Function
• Tape and Reel (2,000 pcs. STD)
3.3V HCMOS CERAMIC SMD OSCILLATOR WITH STANDBY
MODEL: F4200 SERIES
Frequency
Stability1
±100PPM
±100PPM
±50PPM
±50PPM
±25PPM
±25PPM*
±20PPM*
Operating
Temperature (ºC)
-10 ~ +70
-40 ~ +85
-10 ~ +70
-40 ~ +85
-10 ~ +70
-40 ~ +85
-10 ~ +70
Frequency
Range (MHz)
1.544 ~ 50.000
1.544 ~ 50.000
1.544 ~ 50.000
1.544 ~ 50.000
1.544 ~ 50.000
1.544 ~ 50.000
1.544 ~ 50.000
F4200
F4200R
F4205
F4205R
F4206
F4206R
F4208
Model
Number
OPTIONS
• 5.0V (F3400) Version Available
1 Inclusive of 25ºC tolerance, operating temperature range, input voltage change, load change, aging,
shock, and vibration. *Excludes Shock/Vibration
2 An internal pullup resistor from pin 1 to pin 4 allows active output if pin 1 is left open.
All specifications subject to change without notice. Rev. 6/1/04
1.544 ~ 50.000 MHz
-55ºC ~ +125ºC
3.3V ± 10%
20mA
40% ~ 60%
6nS
6nS
10% VDD
90% VDD Min
2mA Min
-2mA Min
15pF
10µA
10mS
150nS
10mS
PARAMETERS
Frequency Range
(FO)
Storage Temperature Range (TSTG)
Supply Voltage
(VDD)
Input Current
(IDD)
Output Symmetry (50% VDD)
Rise Time (10% ~ 90% VDD)(TR)
Fall Time (90% ~ 10% VDD)(TF)
Output Voltage
(VOL)
(VOH)
Output Current
(IOL)
(IOH)
Output Load
(HCMOS)
Standby Current
Start-up Time
(TS)
Output Disable Time 2
Output Enable Time 2
• ELECTRICAL CHARACTERISTICS
MAX (unless otherwise noted)
OUTPUT (Pin 3)
ACTIVE
ACTIVE
High Z
• ENABLE / DISABLE FUNCTION
INH (Pin 1)
OPEN 2
'1' Level VIH
≥ 70% VDD
'0' Level VIL
≤ 30% VDD
Learn more about:
Part Marking Identification
Tape and Reel Specification
Mechanical Specification
Internet required
All dimensions are in millimeters.
Part Number
129-Frequency-xxxxx
130-Frequency-xxxxx
131-Frequency-xxxxx
132-Frequency-xxxxx
133-Frequency-xxxxx
506-Frequency-xxxxx
134-Frequency-xxxxx
• PART NUMBER SELECTION Learn More - Internet Required


Similar Part No. - F4205

ManufacturerPart #DatasheetDescription
logo
Energizer
F420 ENERGIZER-F420 Datasheet
115Kb / 1P
Head Beam Light
More results

Similar Description - F4205

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
F530L ETC2-F530L Datasheet
89Kb / 1P
3.3V HCMOS CERAMIC SMD OSCILLATOR WITH STANDBY
logo
Fox Electronics
F4101 FOX-F4101 Datasheet
114Kb / 1P
5.0V HCMOS SMD OSCILLATOR WITH STANDBY
F4100 FOX-F4100_1 Datasheet
217Kb / 2P
3.3V, HCMOS, SMD Oscillator
F537 FOX-F537 Datasheet
214Kb / 2P
HCMOS 5x3.2mm 3.3V SMD Oscillator
F330 FOX-F330 Datasheet
102Kb / 2P
HCMOS 3.2x2.5mm 3.3V SMD Oscillator
F4100-600 FOX-F4100-600 Datasheet
486Kb / 2P
3.3V. HCMOS, SMD Oscillator
F4100-500 FOX-F4100-500 Datasheet
308Kb / 2P
3.3V, HCMOS, SMD Oscillator
F4105-200 FOX-F4105-200 Datasheet
441Kb / 2P
3.3V, HCMOS , SMD Oscillator
F4105-400 FOX-F4105-400 Datasheet
441Kb / 2P
3.3V, HCMOS , SMD Oscillator
121-6-1 FOX-121-6-1 Datasheet
198Kb / 2P
5.0V, HCMOS SMD Oscillator with Standby
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com