Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F3000 Datasheet(PDF) 1 Page - Fox Electronics

Part # F3000
Description  HCMOS/TTL HEAVY LOAD OSCILLATOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics

F3000 Datasheet(HTML) 1 Page - Fox Electronics

  F3000 Datasheet HTML 1Page - Fox Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
47
FOXElectronics 5570 Enterprise Parkway Fort Myers, Florida 33905 941-693-0099 FAX 941-693-1554 http://www.foxonline.com
© 2000 FOX ELECTRONICS
The F3000 Clock Oscillator is capable of driving heavy HCMOS
loads. This oscillator has a tri-state enable/disable function on pin
1 to facilitate testing with ATE. The package is all metal with pin 7
as case ground which provides shielding to help minimize EMI
radiation.
FEATURES
• 50pF HCMOS Load to 80 MHz
• 10TTL Fanout
• Tri-State Enable/Disable
All dimensions are in millimeters.
HCMOS/TTL HEAVY LOAD OSCILLATOR
F3000
UNITS
MHz
PPM
ºC
V
mA
%
nS
V
mA
TTL
pF
pF
pF
mS
MAX
120.000
+100
+200
+70
+125
+5.5
25
40
77
82
55
60
5
5
0.5
16
- 16
10
50
30
15
10
MIN
1.544
-100
-200
-10
-55
+4.5
45
40
4.5
PARAMETERS
Frequency Range
(Fo)
Frequency Stability
Temperature Range
Operating
(TOPR)
Storage
(TSTG)
Supply Voltage
(VDD)
Input Current
(IDD)
Output Symmetry
Rise Time
(TR)
Fall Time
(TF)
Output Voltage
(VOL)
(VOH)
Output Current
(IOL)
(IOH)
Output Load
Start-up Time
(TS)
• ELECTRICAL CHARACTERISTICS (VDD = 5.0V, CL = 50pF)
FREQUENCY RANGE
1.544 ~ 100.000
100.000+ ~ 120.000
1.544 ~ 120.000
1.544 ~ 120.000
1.544 ~ 25.000
25.000+ ~ 50.000
50.000+ ~ 80.000
80.000+ ~ 120.000
1.544 ~ 80.000
80.000+ ~ 120.000
1.544 ~ 120.000
1.544 ~ 120.000
1.544 ~ 120.000
1.544 ~ 120.000
1.544 ~ 120.000
1.544 ~ 80.000
80.000+ ~ 100.000
100.000+ ~ 120.000
1.544 ~ 120.000
Model Number
F3000
F3005
F3006
• MODEL NUMBER SELECTION
Frequency Stability
±100PPM
±50PPM (up to 90MHz)
±25PPM (up to 50MHz)
CONDITIONS
All Conditions*
2.5V
0.5V ~ 4.5V
4.5V ~ 0.5V
IOL = 16 mA
IOH = -16 mA
VOL = 0.5 V
VOH = 4.5 V
TTL
HCMOS
HCMOS
HCMOS
* Inclusive of 25ºC tolerance, operating temperature range, input voltage change, load change, aging, shock, and vibration.
***An internal pullup resistor from pin 1 to pin 14 allows active output if pin 1 is left open.
See page 44 for mechanical specifications, test circuits, and output waveform.
All specifications subject to change without notice. Rev. 03/02/00
OUTPUT (Pin 8)
ACTIVE
ACTIVE
High Z
• ENABLE/DISABLE FUNCTION**
INH (Pin 1)
OPEN ***
'1' Level VIH ³ 2.2 V
'0' Level VIL £ 0.8 V
Note: -40ºC ~ +85ºC "R" version available
(ex: F3000R) to 90 MHz
Discontinued


Similar Part No. - F3000

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
F300000 E-SWITCH-F300000 Datasheet
28Kb / 1P
ALL DIMENSIONS IN MM [INCH]
logo
MicroPower Direct, LLC
F3000TERU MPD-F3000TERU Datasheet
366Kb / 2P
F3000TERU SERIES
More results

Similar Description - F3000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HO-12 ETC1-HO-12 Datasheet
302Kb / 1P
HCMOS/TTL CRYSTAL OSCILLATOR
logo
CTS Corporation
CB1V8 CTS-CB1V8 Datasheet
125Kb / 4P
HCMOS/TTL CLOCK OSCILLATOR
CB2V5 CTS-CB2V5 Datasheet
127Kb / 4P
HCMOS/TTL CLOCK OSCILLATOR
632 CTS-632 Datasheet
148Kb / 4P
HCMOS/TTL CLOCK OSCILLATOR
CB3LV CTS-CB3LV Datasheet
123Kb / 4P
HCMOS/TTL CLOCK OSCILLATOR
logo
List of Unclassifed Man...
OCH ETC2-OCH Datasheet
31Kb / 1P
5X7X1.6mm / SMD / HCMOS/TTL Oscillator
OAH3 ETC2-OAH3 Datasheet
75Kb / 1P
HCMOS/TTL Oscillator
OAC100 ETC2-OAC100 Datasheet
100Kb / 1P
HCMOS/TTL Low Power Oscillator
logo
Caliber Electronics Inc...
OAH CALIBER-OAH Datasheet
80Kb / 1P
HCMOS/TTL Oscillator
logo
CTS Corporation
CB3-3I-12M CTS-CB3-3I-12M Datasheet
216Kb / 3P
HCMOS/TTL Clock Oscillator
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com