Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CEP-2242 Datasheet(PDF) 4 Page - CUI INC

Part # CEP-2242
Description  piezo audio indicator
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

CEP-2242 Datasheet(HTML) 4 Page - CUI INC

  CEP-2242 Datasheet HTML 1Page - CUI INC CEP-2242 Datasheet HTML 2Page - CUI INC CEP-2242 Datasheet HTML 3Page - CUI INC CEP-2242 Datasheet HTML 4Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Part No: CEP-2242
Description: piezo audio indicator
Phone: 800.275.4899
Fax: 503.372.1266
www.cui.com
9615 SW Allen Blvd Suite 103
Beaverton, OR 97005
Date: 7/21/2006
Unit: mm
Page No: 4 of 4
Reliability Test
Item
Test Condition
Operating (Life Test)
1. Continuous life test:
The part will be subjected to 48 hours of
continuous operation at +55°C with rated
voltage applied.
2. Intermittent life test:
A duty cycle of 1 minute on, 1 minute off, a
minimum of 5,000 times at room temp
(+25 ±2°C) with rated voltage applied.
Evaluation Standard
The buzzer will be measured after
being placed at +25°C for 4
hours. The value of the
oscillation frequency/current
consumption should be ±10%
compared to the initial
measurements. The SPL should
be within ±10dB compared to
the initial measurements.
Test Conditions
Standard Test Condition
a) Tempurature: +5 ~ +35°C
b) Humidity: 45 - 85%
c) Pressure: 860-1060 mbar
Judgement Test Condition
a) Tempurature: +25 ±2°C
b) Humidity: 60 - 70%
c) Pressure: 860-1060 mbar
Packaging



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com