Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST90135 Datasheet(PDF) 92 Page - STMicroelectronics

Part # ST90135
Description  8/16-BIT MCU FAMILY WITH UP TO 64K ROM/OTP/EPROM AND UP TO 2K RAM
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST90135 Datasheet(HTML) 92 Page - STMicroelectronics

Back Button ST90135 Datasheet HTML 88Page - STMicroelectronics ST90135 Datasheet HTML 89Page - STMicroelectronics ST90135 Datasheet HTML 90Page - STMicroelectronics ST90135 Datasheet HTML 91Page - STMicroelectronics ST90135 Datasheet HTML 92Page - STMicroelectronics ST90135 Datasheet HTML 93Page - STMicroelectronics ST90135 Datasheet HTML 94Page - STMicroelectronics ST90135 Datasheet HTML 95Page - STMicroelectronics ST90135 Datasheet HTML 96Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 190 page
background image
92/190
ST90158 - I/O PORTS
INPUT/OUTPUT BIT CONFIGURATION (Cont’d)
Figure 49. Control Bits
n
Table 19. Port Bit Configuration Table (n = 0, 1... 7; X = port number)
(1) For A/D Converter inputs.
Legend:
X
= Port
n
= Bit
AF
= Alternate Function
BID
= Bidirectional
CMOS= CMOS Standard Input Levels
HI-Z
= High Impedance
IN
= Input
OD
= Open Drain
OUT = Output
PP
= Push-Pull
TTL
= TTL Standard Input Levels
WP
= Weak Pull-up
Bit 7
Bit n
Bit 0
PxC2
PxC27
PxC2n
PxC20
PxC1
PxC17
PxC1n
PxC10
PxC0
PxC07
PxC0n
PxC00
General Purpose I/O Pins
A/D Pins
PXC2n
PXC1n
PXC0n
0
0
0
1
0
0
0
1
0
1
1
0
0
0
1
1
0
1
0
1
1
1
1
1
1
1
1
PXn Configuration
BID
BID
OUT
OUT
IN
IN
AF OUT
AF OUT
AF IN
PXn Output Type
WP OD
OD
PP
OD
HI-Z
HI-Z
PP
OD
HI-Z(1)
PXn Input Type
TTL
(or Schmitt
Trigger)
TTL
(or Schmitt
Tr igger)
TTL
(or Schmitt
Tri gger)
TTL
(or Schmitt
Trigger)
CMOS
(or Schmitt
Tr igger)
TTL
(or Schmitt
Trigger)
TTL
(or Schmitt
Trigger)
TTL
(or Schmitt
Trigger)
Analog
Input
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com