Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST90135 Datasheet(PDF) 185 Page - STMicroelectronics

Part # ST90135
Description  8/16-BIT MCU FAMILY WITH UP TO 64K ROM/OTP/EPROM AND UP TO 2K RAM
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST90135 Datasheet(HTML) 185 Page - STMicroelectronics

Back Button ST90135 Datasheet HTML 181Page - STMicroelectronics ST90135 Datasheet HTML 182Page - STMicroelectronics ST90135 Datasheet HTML 183Page - STMicroelectronics ST90135 Datasheet HTML 184Page - STMicroelectronics ST90135 Datasheet HTML 185Page - STMicroelectronics ST90135 Datasheet HTML 186Page - STMicroelectronics ST90135 Datasheet HTML 187Page - STMicroelectronics ST90135 Datasheet HTML 188Page - STMicroelectronics ST90135 Datasheet HTML 189Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 185 / 190 page
background image
185/190
ST90158 - ELECTRICAL CHARACTERISTICS
A/D ANALOG SPECIFICATIONS (VDD = 4.5V TO 5.0 V)
Notes:
1.
“LSBs”, as used here, has a value of AVDD/256
2.
Including sample time
3.
It must be intended as the internal series resistance before the sampling capacitor
4.
This is a typical expected value, but not a tested production parameter.
If V(i) is the value of the i-th transition level (0 < i < 254), the performance of the A/D converter has been valued as follows:
OFFS ET ERROR= deviation between the actual V(0) and the ideal V(0) (=1/2 LSB)
GAIN ERROR= deviation between the actual V(254) and the ideal V(254) (=AVCC-3/2 LSB)
DNL ERROR= max {[V(i) - V(i-1)]/LSB - 1}
INL ERROR= max {[V(i) - V(0)]/LSB - i}
ABS. ACCURA CY= overall max conversion error
S/N ratio has been valued by sampling a sinusoidal input waveform and then calculating its Fast Fourier Transform.
2.
Absolute accuracy: 2.5 LSB at 3V.
Parameter
Typical
Minimum
Maximum
Units (1)
Notes
Conversion time
138
INTCLK
(2)
Sample time
87.51
INTCLK
Power-up time
60
µs
Resolution
8
8
bits
Monotonicity
GUARANTEED
No missing codes
GUARANTEED
Zero input reading
00
Hex
Full scale reading
FF
Hex
Offset error
.5
1
LSBs
(1,4)
Gain error
.5
1
LSBs
(4)
Diff. Non Linearity
±.3
±.2
±.5
LSBs
(4)
Int. Non Linearity
1
LSBs
(4)
Absolute Accuracy
1
LSBs
(4)(5)
AVCC/AVSS Resistance
13.5
16
11
K
Input Resistance
12
8
15
K
(3)
Hold Capacitance
30
pF
Input Leakage
±3
µA
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com