Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST92F120 Datasheet(PDF) 21 Page - STMicroelectronics

Part # ST92F120
Description  8/16-BIT FLASH MCU FAMILY WITH RAM, EEPROM AND J1850 BLPD
PDF  320 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92F120 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button ST92F120 Datasheet HTML 17Page - STMicroelectronics ST92F120 Datasheet HTML 18Page - STMicroelectronics ST92F120 Datasheet HTML 19Page - STMicroelectronics ST92F120 Datasheet HTML 20Page - STMicroelectronics ST92F120 Datasheet HTML 21Page - STMicroelectronics ST92F120 Datasheet HTML 22Page - STMicroelectronics ST92F120 Datasheet HTML 23Page - STMicroelectronics ST92F120 Datasheet HTML 24Page - STMicroelectronics ST92F120 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 320 page
background image
21/320
ST92F120 - GENERAL DESCRIPTION
Table 4. I/O Port Alternate Functions
Port
Name
General
Purpose I/O
Pin No.
Alternate Function s
TQFP64 PQFP100
P0.0
All ports useable
for general pur-
pose I/O (input,
output or bidirec-
tional)
35
57
A0/D0
I/O Address/Data bit 0
P0.1
36
58
A1/D1
I/O Address/Data bit 1
P0.2
37
59
A2/D2
I/O Address/Data bit 2
P0.3
38
60
A3/D3
I/O Address/Data bit 3
P0.4
39
61
A4/D4
I/O Address/Data bit 4
P0.5
40
62
A5/D5
I/O Address/Data bit 5
P0.6
41
63
A6/D6
I/O Address/Data bit 6
P0.7
42
66
A7/D7
I/O Address/Data bit 7
P1.0
30
45
A8
I/O Address bit 8
P1.1
31
46
A9
I/O Address bit 9
P1.2
32
47
A10
I/O Address bit 10
P1.3
-
48
A11
I/O Address bit 11
P1.4
-
51
A12
I/O Address bit 12
P1.5
-
52
A13
I/O Address bit 13
P1.6
-
53
A14
I/O Address bit 14
P1.7
-
54
A15
I/O Address bit 15
P2.0
18
33
TINPA0
I
Multifunction Timer 0 - Input A
P2.1
19
34
TINPB0
I
Multifunction Timer 0 - Input B
P2.2
20
35
TOUTA0
O Multifunction Timer 0 - Output A
P2.3
21
36
TOUTB0
O Multifunction Timer 0 - Output B
P2.4
22
37
TINPA1
I
Multifunction Timer 1 - Input A
P2.5
23
38
TINPB1
I
Multifunction Timer 1 - Input B
P2.6
24
39
TOUTA1
O Multifunction Timer 1 - Output A
P2.7
25
40
TOUTB1
O Multifunction Timer 1 - Output B
P3.1
-
24
ICAPB0
I
Ext. Timer 0 - Input Capture B
P3.2
-
25
ICAPA0
I
Ext. Timer 0 - Input Capture A
OCMPA0
O Ext. Timer 0 - Output Compare A
P3.3
-
26
OCMPB0
O Ext. Timer 0 - Output Compare B
P3.4
13
27
EXTCLK0
I
Ext. Timer 0 - Input Clock
SS
I
SPI - Slave Select
P3.5
14
28
MISO
I/O SPI - Master Input/Slave Output Data
P3.6
15
29
MOSI
I/O SPI - Master Output/Slave Input Data
P3.7
16
30
SCK
I
SPI - Serial Input Clock
WKUP0
I
Wake-up Line 0
SCK
O SPI - Serial Output Clock
P4.0
-
14
ICAPA1
I
Ext. Timer 1 - Input Capture A
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com