Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSS-J4B20 Datasheet(PDF) 4 Page - CUI INC

Part # CSS-J4B20
Description  magnetic buzzer
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

CSS-J4B20 Datasheet(HTML) 4 Page - CUI INC

  CSS-J4B20 Datasheet HTML 1Page - CUI INC CSS-J4B20 Datasheet HTML 2Page - CUI INC CSS-J4B20 Datasheet HTML 3Page - CUI INC CSS-J4B20 Datasheet HTML 4Page - CUI INC CSS-J4B20 Datasheet HTML 5Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Phone: 800.275.4899
Fax: 503.612.2381
www.cui.com
20050 SW 112th Ave.
Tualatin, OR 97062
Part No: CSS-J4B20
Description: magnetic buzzer
Date: 11/13/2006
Unit: mm
Page No: 4 of 5
Mechanical Characteristics
Item
Test Condition
Operating (Life Test)
1. Continuous life test:
The part will be subjected to 72 hours at +55°C
with 3.6 V, 2730 Hz applied.
2. Intermittent life test:
A duty cycle of 1 minute on, 1 minute off, a
minimum of 10,000 times at room temp
(+25±10°C) with 3.6 V, 2730 Hz applied.
Evaluation Standard
After the test, the part shall meet
specifications without any
damage to the appearance. After
4 hours at +25°C, the SPL
should be within ±10 dBA of the
initial SPL.
Test Conditions
Standard Test Condition
a) Tempurature: +5 ~ +35°C
b) Humidity: 45 - 85%
c) Pressure: 860 - 1060 mbar
Judgement Test Condition
a) Tempurature: +25±2°C
b) Humidity: 60 - 70%
c) Pressure: 860 - 1060 mbar
Recommended Temperature Profile for Reflow Oven



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com