Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST93C56 Datasheet(PDF) 11 Page - STMicroelectronics

Part # ST93C56
Description  2K 128 x 16 or 256 x 8 SERIAL MICROWIRE EEPROM
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST93C56 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button ST93C56 Datasheet HTML 5Page - STMicroelectronics ST93C56 Datasheet HTML 6Page - STMicroelectronics ST93C56 Datasheet HTML 7Page - STMicroelectronics ST93C56 Datasheet HTML 8Page - STMicroelectronics ST93C56 Datasheet HTML 9Page - STMicroelectronics ST93C56 Datasheet HTML 10Page - STMicroelectronics ST93C56 Datasheet HTML 11Page - STMicroelectronics ST93C56 Datasheet HTML 12Page - STMicroelectronics ST93C56 Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
PSDIP-a
A2
A1
A
L
e1
D
E1
E
N
1
C
eA
eB
B1
B
Symb
mm
inches
Typ
Min
Max
Typ
Min
Max
A
4.80
0.189
A1
0.70
–
0.028
–
A2
3.10
3.60
0.122
0.142
B
0.38
0.58
0.015
0.023
B1
1.15
1.65
0.045
0.065
C
0.38
0.52
0.015
0.020
D
9.20
9.90
0.362
0.390
E
7.62
–
–
0.300
–
–
E1
6.30
7.10
0.248
0.280
e1
2.54
–
–
0.100
–
–
eA
8.40
–
0.331
–
eB
9.20
0.362
L
3.00
3.80
0.118
0.150
N8
8
CP
0.10
0.004
PSDIP8
Drawing is not to scale
PSDIP8 - 8 pin Plastic Skinny DIP, 0.4mm lead frame
11/13
ST93C56/56C, ST93C57C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com