Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S5D Datasheet(PDF) 2 Page - TAITRON Components Incorporated

Part # S5D
Description  5.0A Surface Mount Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

S5D Datasheet(HTML) 2 Page - TAITRON Components Incorporated

  S5D Datasheet HTML 1Page - TAITRON Components Incorporated S5D Datasheet HTML 2Page - TAITRON Components Incorporated S5D Datasheet HTML 3Page - TAITRON Components Incorporated S5D Datasheet HTML 4Page - TAITRON Components Incorporated S5D Datasheet HTML 5Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
5.0A Surface Mount Rectifier
Rev. A/AH 2008-05-20
S5A – S5M
www.taitroncomponents.com
Page 2 of 5
Fig.2- Max. Non-Repetitive Forward Surge Current
Number of Cycles at 60Hz
Fig.1- Forward Current Derating Curve
Lead Temperature (° C)
Electrical Characteristics (T
Ambient=25ºC unless noted)
Note: (1) Thermal resistance from junction to ambient and from junction to lead mounted on P.C.B.
with 0.3 x 0.3" (8.0 x 8.0mm) copper pad areas.
(2) Single phase half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Typical Characteristics Curves
Symbol
Description
S5A
S5B
S5D
S5G
S5J
S5K
S5M
Unit
Conditions
VF
Maximum Instantaneous
Forward Voltage
1.15
V
IF=5.0A
5.0
TA=25 °C
IR
Maximum DC Reverse
Current at Rated DC
Blocking Voltage
250
µA
TA=125 °C
Trr
Typical Reverse Recovery
Time
2.5
µS
IF=0.5A, IR=1.0A,
Irr=0.25A
CJ
Typical Junction
Capacitance
40
pF
VR=4V, f=1MHz
Rθ-JL
Typical Thermal
Resistance
10
° C/W
Note 1



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com