Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAC50 Datasheet(PDF) 2 Page - TAITRON Components Incorporated

Part # SAC50
Description  500W Low Capacitance Transient Voltage Suppressor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

SAC50 Datasheet(HTML) 2 Page - TAITRON Components Incorporated

  SAC50 Datasheet HTML 1Page - TAITRON Components Incorporated SAC50 Datasheet HTML 2Page - TAITRON Components Incorporated SAC50 Datasheet HTML 3Page - TAITRON Components Incorporated SAC50 Datasheet HTML 4Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
500W Low Capacitance Transient Voltage Suppressor
Rev. B/AH 2007-09-26
SAC5.0 – SAC50
www.taitroncomponents.com
Page 2 of 4
Fig.1- Peak Pulse Power Rating Curve
Td - Pulse Width (sec.)
Fig.2- Power Derating Curve
TL – Lead Temperature (°C)
Electrical Characteristics (T Ambient=25ºC unless noted otherwise)
500W
Min. Breakdown
Voltage @ Test
Current
Stand-
off
Voltage
Max.
Reverse
Leakage
@
V WM
Max.
Clamping
Voltage @
IPPM=5.0A
Max. Peak
Pulse Current
@ 10/1000us
Max. Junction
Capacitance @
0V
Peak Inverse
Blocking
Voltage
Part NO.
V(BR)(V)
IT(mA)
V WM
(V)
ID (
μA)
VC (V)
IPPM (A)
C(pF)
VPIB(V)
SAC5.0
7.60
1.0
5.0
300.0
10.0
44.0
50
100
SAC6.0
7.90
1.0
6.0
300.0
11.2
41.0
50
100
SAC7.0
8.33
1.0
7.0
300.0
12.6
38.0
50
100
SAC8.0
8.89
1.0
8.0
100.0
13.4
36.0
50
100
SAC8.5
9.44
1.0
8.5
50.0
14.0
34.0
50
100
SAC10
11.10
1.0
10.0
5.0
16.3
29.0
50
100
SAC12
13.30
1.0
12.0
5.0
19.0
25.0
50
100
SAC15
16.70
1.0
15.0
5.0
23.6
20.0
50
100
SAC18
20.00
1.0
18.0
5.0
28.8
15.0
50
100
SAC22
24.40
1.0
22.0
5.0
35.4
14.0
50
100
SAC26
28.90
1.0
26.0
5.0
42.3
11.1
50
100
SAC30
33.30
1.0
30.0
5.0
48.6
10.0
50
100
SAC36
40.00
1.0
36.0
5.0
60.0
8.6
50
100
SAC45
50.00
1.0
45.0
5.0
77.0
6.8
50
200
SAC50
55.50
1.0
50.0
5.0
88.0
5.8
50
200
Typical Characteristics Curves



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com