Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECPSM29T Datasheet(PDF) 2 Page - Ecliptek Corporation

Part # ECPSM29T
Description  CRYSTAL
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ECLIPTEK [Ecliptek Corporation]
Direct Link  http://www.ecliptek.com
Logo ECLIPTEK - Ecliptek Corporation

ECPSM29T Datasheet(HTML) 2 Page - Ecliptek Corporation

  ECPSM29T Datasheet HTML 1Page - Ecliptek Corporation ECPSM29T Datasheet HTML 2Page - Ecliptek Corporation ECPSM29T Datasheet HTML 3Page - Ecliptek Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ECPSM29T Series
• 32.768kHz watch crystal
• Miniature four pad surface mount package
• ±20ppm frequency tolerance
• 12.5pF load capacitance
• Tape and reel available
CRYSTAL
ECPSM29T
MANUFACTURER
CATEGORY
SERIES
PACKAGE
CLASS
REV
.DATE
ECLIPTEK CORP.
CRYSTAL
ECPSM29T
PLASTIC
CR14
05/05
NOTES
__________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________
__________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________
__________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________
__________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________
__________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________
__________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________
__________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________
__________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________
__________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________
__________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________
__________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________
ELECTRICAL SPECIFICATIONS
Frequency
Frequency Tolerance (at 25°C)
Frequency Stability
Operating Temperature Range
Aging (at 25°C)
Storage Temperature Range
Shunt Capacitance
Motional Capacitance
Equivalent Series Resistance
Insulation Resistance
Drive Level
Load Capacitance (C
L)
32.768kHz
±20ppm
-0.042ppm / (
∆°C)2 Maximum, Parabolic;
Turn Over Temperature at 25°C ±5°C
-10°C to 60°C
±3ppm / year Maximum
-40°C to 85°C
0.85pF Typical, 2pF Maximum
2.0fF Typical
60,000 Ohms Maximum
500 Megaohms Minimum at 100V
DC
1 µWatt Maximum
12.5pF
800-ECLIPTEK www.ecliptek.com for latest revision
Specifications subject to change without notice.
H
2.5
L
8.7
W
3.7
OBSOLETE



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com