Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VQB75-D24-S1-R8 Datasheet(PDF) 2 Page - CUI INC

Part # VQB75-D24-S1-R8
Description  DC-DC Converter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VQB75-D24-S1-R8 Datasheet(HTML) 2 Page - CUI INC

  VQB75-D24-S1-R8 Datasheet HTML 1Page - CUI INC VQB75-D24-S1-R8 Datasheet HTML 2Page - CUI INC VQB75-D24-S1-R8 Datasheet HTML 3Page - CUI INC VQB75-D24-S1-R8 Datasheet HTML 4Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
V-Infinity, LLC, 9615 SW Allen Blvd Suite 103, Beaverton, OR 97005
www.v-infinity.com
1-866-372-1258
•
VQB75- Single Output Brick DC-DC Converter
Model
Input
Output
Output
I nput Current
Number
Voltage
Voltage
Current
No Load
Full Load
Effic.
Case
VQB75-D24-S1-R8
18-36VDC
1.8VDC
0.5-25A
60mA
2259mA
83%
QB
VQB75-D24-S2R5
18-36VDC
2.5VDC
0.5-25A
60mA
3064mA
85%
QB
VQB75-D24-S3R3
18-36VDC
3.3VDC
0.5-20A
70mA
3125mA
88%
QB
VQB75-D24-S5
18-36VDC
5VDC
0.5-15A
80mA
3472mA
90%
QB
VQB75-D48-S1R8
36-75VDC
1.8VDC
0.5-25A
50mA
1116mA
84%
QB
VQB75-D48-S2R5
36-75VDC
2.5VDC
0.5-25A
50mA
1514mA
86%
QB
VQB75-D48-S3R3
36-75VDC
3.3VDC
0.5-20A
50mA
1563mA
88%
QB
NOTES:
1. Measured from high line to low line
2. Measured from full load to zero load
3. Logic compatibility...open collector ref to -input
Module ON...open circuit
Module OFF...<0.8Vdc
4. Suffix “O” to the model number with open frame type
Case HB
Pin Connection
Pin
Function
1.
2.
3.
4.
5.
6.
7.
8.
Vin
ON/OFF
Case
-Vout
-Sense
Trim
+Sense
+Vout



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com