Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST95P04B1TR Datasheet(PDF) 7 Page - STMicroelectronics

Part # ST95P04B1TR
Description  SERIAL ACCESS SPI BUS 4K 512 x 8 EEPROM
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST95P04B1TR Datasheet(HTML) 7 Page - STMicroelectronics

Back Button ST95P04B1TR Datasheet HTML 3Page - STMicroelectronics ST95P04B1TR Datasheet HTML 4Page - STMicroelectronics ST95P04B1TR Datasheet HTML 5Page - STMicroelectronics ST95P04B1TR Datasheet HTML 6Page - STMicroelectronics ST95P04B1TR Datasheet HTML 7Page - STMicroelectronics ST95P04B1TR Datasheet HTML 8Page - STMicroelectronics ST95P04B1TR Datasheet HTML 9Page - STMicroelectronics ST95P04B1TR Datasheet HTML 10Page - STMicroelectronics ST95P04B1TR Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
C
Q
AI01072B
S
D
HOLD
tCLHX
tHXCH
tHXCH
tCLHX
tHHQX
tHLQZ
Figure 7. Hold Timing
Write Protect (W). This pin is for hardware write
protect. When W is low, non-volatile writes to the
ST95P04 are disabled but any other operation
stays enabled. When W is high, all operations
including non-volatile writes are available. W going
low at any time before the last bit D0 of the data
stream will reset the write enable latch and prevent
programming. No action on W or on the write
enable latch can interrupt a write cycle which has
commenced.
Hold (HOLD). The HOLD pin is used to pause
serial communications with a ST95P04 without
resetting the serial sequence. To take the Hold
condition into account, the product must be se-
lected (S = 0). Then the Hold state is validated by
a high to low transition on HOLD when C is low. To
resume the communications, HOLD is brought high
when C is low. During Hold condition D, Q, and C
are at a high impedance state.
When the ST95P04 is under Hold condition, it is
possible to deselect it. However, the serial commu-
nications will remain paused after a reselect, and
the chip will be reset.
OPERATIONS
All instructions, addresses and data are shifted in
and out of the chip MSB first. Data input (D) is
sampled on the first rising edge of clock (C) after
the chip select (S) goes low. Prior to any operation,
a one-byte instruction code must be entered in the
chip. This code is entered via the data input (D),
and latched on the rising edge of the clock input
(C). To enter an instruction code, the product must
have been previously selected (S = low). Table 7
shows the instruction set and format for device
operation. When an invalid instruction is sent (one
not contained in Table 7), the chip is automatically
deselected. For operations that read or write data
in the memory array, bit 3 of the instruction is the
MSB of the address, otherwise, it is a don’t care.
Write Enable (WREN) and Write Disable (WRDI)
The ST95P04 contains a write enable latch. This
latch must be set prior to every WRITE or WRSR
operation. The WREN instruction will set the latch
and the WRDI instruction will reset the latch. The
latch is reset under all the following conditions:
– W pin is low
– Power on
– WRDI instruction executed
– WRSR instruction executed
– WRITE instruction executed
As soon as the WREN or WRDI instruction is
received by the ST95P04, the circuit executes the
instruction and enters a wait mode until it is dese-
lected.
7/16
ST95P04



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com