Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST95P08 Datasheet(PDF) 1 Page - STMicroelectronics

Part # ST95P08
Description  8 Kbit Serial SPI EEPROM with Positive Clock Strobe
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST95P08 Datasheet(HTML) 1 Page - STMicroelectronics

  ST95P08 Datasheet HTML 1Page - STMicroelectronics ST95P08 Datasheet HTML 2Page - STMicroelectronics ST95P08 Datasheet HTML 3Page - STMicroelectronics ST95P08 Datasheet HTML 4Page - STMicroelectronics ST95P08 Datasheet HTML 5Page - STMicroelectronics ST95P08 Datasheet HTML 6Page - STMicroelectronics ST95P08 Datasheet HTML 7Page - STMicroelectronics ST95P08 Datasheet HTML 8Page - STMicroelectronics ST95P08 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
ST95P08
8 Kbit Serial SPI EEPROM with Positive Clock Strobe
February 1999
1/16
1 MILLION ERASE/WRITE CYCLES
40 YEARS DATA RETENTION
SINGLE 3V to 5.5V SUPPLY VOLTAGE
SPI BUS COMPATIBLE SERIAL INTERFACE
2 MHz CLOCK RATE MAX
BLOCK WRITE PROTECTION
STATUS REGISTER
16 BYTE PAGE MODE
WRITE PROTECT
SELF-TIMED PROGRAMMING CYCLE
E.S.D.PROTECTION GREATER than 4000V
SUPPORTS POSITIVE CLOCK SPI MODES
DESCRIPTION
The ST95P08 is an 8 Kbit Electrically Erasable
Programmable Memory (EEPROM) fabricated with
STMicroelectronics’s High Endurance Single
Polysilicon CMOS technology. The 8 Kbit memory
is organised as 64 pages of 16 bytes. The memory
is accessed by a simple SPI bus compatible serial
interface. The bus signals are a serial clock input
(C), a serial data input (D) and a serial data output
(Q). The device connected to the bus is selected
when the chip select input (S) goes low. Commu-
nications with the chip can be interrupted with a
hold input (HOLD). The write operation is disabled
by a write protect input (W).
AI01315
S
VCC
ST95P08
HOLD
VSS
W
Q
C
D
Figure 1. Logic Diagram
C
Serial Clock
D
Serial Data Input
Q
Serial Data Output
S
Chip Select
W
Write Protect
HOLD
Hold
VCC
Supply Voltage
VSS
Ground
Table 1. Signal Names
8
1
SO8 (M)
150mil Width
8
1
PSDIP8 (B)
0.25mm Frame


Similar Part No. - ST95P08

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST95P08B1TR STMICROELECTRONICS-ST95P08B1TR Datasheet
151Kb / 16P
SERIAL ACCESS SPI BUS 2K 256 x 8 EEPROM
Jun-1996
ST95P08B3TR STMICROELECTRONICS-ST95P08B3TR Datasheet
151Kb / 16P
SERIAL ACCESS SPI BUS 2K 256 x 8 EEPROM
Jun-1996
ST95P08B6TR STMICROELECTRONICS-ST95P08B6TR Datasheet
151Kb / 16P
SERIAL ACCESS SPI BUS 2K 256 x 8 EEPROM
Jun-1996
ST95P08M1TR STMICROELECTRONICS-ST95P08M1TR Datasheet
151Kb / 16P
SERIAL ACCESS SPI BUS 2K 256 x 8 EEPROM
Jun-1996
ST95P08M3TR STMICROELECTRONICS-ST95P08M3TR Datasheet
151Kb / 16P
SERIAL ACCESS SPI BUS 2K 256 x 8 EEPROM
Jun-1996
More results

Similar Description - ST95P08

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M95256 STMICROELECTRONICS-M95256 Datasheet
345Kb / 39P
256 Kbit Serial SPI bus EEPROM with high speed clock
21-Oct-2004
ST95022 STMICROELECTRONICS-ST95022 Datasheet
113Kb / 16P
2 Kbit Serial SPI EEPROM with High Speed Clock
Feb-1999
ST95040 STMICROELECTRONICS-ST95040 Datasheet
110Kb / 18P
4K/2K/1K Serial SPI EEPROM with Positive Clock Strobe
Jun-1998
M95160 STMICROELECTRONICS-M95160 Datasheet
405Kb / 45P
16 Kbit and 8 Kbit serial SPI bus EEPROM with high speed clock
24-May-2007
M95160 STMICROELECTRONICS-M95160_08 Datasheet
394Kb / 45P
16 Kbit and 8 Kbit serial SPI bus EEPROM with high speed clock
06-Mar-2008
M95160-X STMICROELECTRONICS-M95160-X Datasheet
436Kb / 50P
16 Kbit and 8 Kbit serial SPI bus EEPROM with high speed clock
09-Oct-2009
M95512-DR STMICROELECTRONICS-M95512-DR Datasheet
483Kb / 48P
512 Kbit serial SPI bus EEPROM with high-speed clock
14-Sep-2010
M95320-W STMICROELECTRONICS-M95320-W Datasheet
412Kb / 48P
32-Kbit serial SPI bus EEPROM with high-speed clock
29-May-2012
M95080-WMN6TP STMICROELECTRONICS-M95080-WMN6TP Datasheet
350Kb / 42P
8-Kbit serial SPI bus EEPROM with high-speed clock
22-Mar-2012
M95080-WMN6P STMICROELECTRONICS-M95080-WMN6P Datasheet
781Kb / 4P
8-Kbit serial SPI bus EEPROM with high-speed clock
22-Sep-2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com