Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA014B Datasheet(PDF) 40 Page - STMicroelectronics

Part # STA014B
Description  MPEG 2.5 LAYER III AUDIO DECODER WITH ADPCM AND SRS WOWO POSTPROCESSING CAPABILITY
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA014B Datasheet(HTML) 40 Page - STMicroelectronics

Back Button STA014B Datasheet HTML 36Page - STMicroelectronics STA014B Datasheet HTML 37Page - STMicroelectronics STA014B Datasheet HTML 38Page - STMicroelectronics STA014B Datasheet HTML 39Page - STMicroelectronics STA014B Datasheet HTML 40Page - STMicroelectronics STA014B Datasheet HTML 41Page - STMicroelectronics STA014B Datasheet HTML 42Page - STMicroelectronics STA014B Datasheet HTML 43Page - STMicroelectronics STA014B Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 45 page
background image
Table 9:
PLL Configuration Sequence For
14.31818MHz Input Clock
512 Oversapling Rathio
REGISTER
ADDRESS
NAME
VALUE
6
reserved
11
11
reserved
3
97
MFSDF (x)
6
80
MFSDF-441
7
101
PLLFRAC-H
3
82
PLLFRAC-441-H
157
100
PLLFRAC-L
211
81
PLLFRAC-441-L
157
5
PLLCTRL
161
Table 10:
PLL Configuration Sequence For
14.7456MHz Input Clock
256 Oversapling Rathio
REGISTER
ADDRESS
NAME
VALUE
6
reserved
12
11
reserved
3
97
MFSDF (x)
15
80
MFSDF-441
16
101
PLLFRAC-H
85
82
PLLFRAC-441-H
4
100
PLLFRAC-L
85
81
PLLFRAC-441-L
0
5
PLLCTRL
161
Table 11:
PLL Configuration Sequence For
14.7456MHz Input Clock
384 Oversapling Rathio
REGISTER
ADDRESS
NAME
VALUE
6
reserved
10
11
reserved
3
97
MFSDF (x)
8
80
MFSDF-441
9
101
PLLFRAC-H
64
82
PLLFRAC-441-H
124
100
PLLFRAC-L
0
81
PLLFRAC-441-L
0
5
PLLCTRL
161
Table 12:
PLL Configuration Sequence For
14.7456MHz Input Clock
512 Oversapling Rathio
REGISTER
ADDRESS
NAME
VALUE
6
reserved
9
11
reserved
2
97
MFSDF (x)
5
80
MFSDF-441
6
101
PLLFRAC-H
0
82
PLLFRAC-441-H
184
100
PLLFRAC-L
0
81
PLLFRAC-441-L
0
5
PLLCTRL
161
STA014-STA014B-STA014T
40/45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com