Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CT-1205C Datasheet(PDF) 2 Page - CUI INC

Part # CT-1205C
Description  Magnetic buzzer
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

CT-1205C Datasheet(HTML) 2 Page - CUI INC

  CT-1205C Datasheet HTML 1Page - CUI INC CT-1205C Datasheet HTML 2Page - CUI INC CT-1205C Datasheet HTML 3Page - CUI INC CT-1205C Datasheet HTML 4Page - CUI INC CT-1205C Datasheet HTML 5Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
rev.
page
date
DESCRIPTION: magnetic buzzer
2 of 5
04/2008
20050
SW 112th Ave. Tualatin, Oregon 97062
phone
phone 503.612.2300 fax
fax 503.612.2383
PART NUMBER: CT-1205C
MEASUREMENT METHOD
+V DC
MECHANICAL CHARACTERISTICS
item
test condition
solderability
Lead terminals are immersed in rosin for
5 seconds and then immersed in solder bath
of 270 ±5°C for 3 ±1 seconds.
soldering heat resistance
The buzzer follows the reflow temperature
curve to test its reflow thermo stability.
terminal mechanical strength
Lead pads will be soldered onto the PCB, the
force of 9.8N (1.0kg) is applied behind the part
for 10 seconds.
vibration
The buzzer will be measured after applying
a vibration amplitude of 1.5 mm with 10 to
55 Hz band of vibration frequency to each of
the 3 perpendicular directions for 2 hours.
drop test
The part will be dropped from a height of
75 cm onto a 40 mm thick wooden board 3
times in 3 axes (X, Y, Z) for a total of 9 drops.
evaluation standard
95% of the lead pad surfaces
must be covered with fresh solder
(except the edge of the terminal).
No interference in operation.
No damage or cutting off.
After the test, the part will meet
specifications without any
damage to its appearance. The
SPL should be within ±10dB
compared with the initial
measurement.
|
VOLTAGE-SOUND PRESSURE LEVEL
VOLTAGE-CURRENT CONSUMPTION



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com