Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VWQBS2-SIP Datasheet(PDF) 3 Page - CUI INC

Part # VWQBS2-SIP
Description  DC-DC Converter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VWQBS2-SIP Datasheet(HTML) 3 Page - CUI INC

  VWQBS2-SIP Datasheet HTML 1Page - CUI INC VWQBS2-SIP Datasheet HTML 2Page - CUI INC VWQBS2-SIP Datasheet HTML 3Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Rev. 07-2007
3/ 3
V-Infinity, LLC, 20050 SW 112th Ave., Tualatin, OR 97062
www.v-infinity.com
1-866-372-1258
VWQBS2-SIP Series DC-DC Converter
Application Notes:
- All of the VWQBS2-SIP Series have been tested
according to the following recommended testing
circuit before leaving the factory. This series should
be tested under load(Figure 1). If you want to further
decrease the input/output ripple, you can increase
capacitance properly or choose capacitors with
low ESR. However, the capacitance should not be too
high(Table 2).
- NC Terminals
Unless otherwise specified, NC terminals of all series
are used for converter's interior circuit
connection, and are not allowed connection of any
external circuit.;
- CTRL Terminal
When open or high impedance, the
converter will work well; When this pin is ‘high’; the
converter will shutdown; It should be noted that the
input current should remain between
5-10mA,exceeding the maximum 20mA will
cause permanent damage to the converter.
Operating Temp.(
)
C
Temperature Derating Graph
- Input current
Nominal input voltage range. The input
current of the power supply must be sufficient
to the startup current (Ip) of the DC/DC module
(Figure 2)
Input Voltage (V)
Input Voltage
Range
Ip
Figure 1
- Output Load
In order to ensure the product operates
efficiently and reliably, make sure the specified range
of input voltage is not exceeded.
No parallel connection or plug and play.
Vout
Cout (Max)
3.3
5
9
12
15
820μF
680μF
470μF
220μF
330μF
Table 2



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com