Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA550 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STA550
Description  70&0W STEREO BASH POWER AMPLIFIER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA550 Datasheet(HTML) 2 Page - STMicroelectronics

  STA550 Datasheet HTML 1Page - STMicroelectronics STA550 Datasheet HTML 2Page - STMicroelectronics STA550 Datasheet HTML 3Page - STMicroelectronics STA550 Datasheet HTML 4Page - STMicroelectronics STA550 Datasheet HTML 5Page - STMicroelectronics STA550 Datasheet HTML 6Page - STMicroelectronics STA550 Datasheet HTML 7Page - STMicroelectronics STA550 Datasheet HTML 8Page - STMicroelectronics STA550 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
STA550
2/16
DESCRIPTION (continued)
Notice that normally only one Digital Converter is needed to supply a stereo or multi-channel amplifier system,
therefore most of the functions implemented in the circuit have summing outputs
The signal circuits are biased by fixed negative and positive voltages referred to Ground. Instead the final stag-
es of the output amplifiers are supplied by two external voltages that are following the audio signal . In this way
the headroom for the output transistors is kept at minimum level to obtain a high efficiency power amplifier.
The Compressor circuits, one for each channel, performs a particular transfer behavior to avoid the dynamic
restriction that an adaptive system like this requires. To have a high flexibility the attack / release time and the
threshold levels are externally programmable. The tracking signal for the external digital converter is generated
from the Absolute Value block that rectifies the audio signal present at the compressor output. The outputs of
these blocks are decoupled by a diode to permit an easy sum of this signal for the multichannel application. The
output power bridges have a dedicated input pin to perform an AC decoupling to cancel the compressor output
DC offset. The gain of the stage is equal to 4 (+12dB). A sophisticated circuit performs the output transistor pow-
er detector that , with the digital converter, reduces the power supply voltage . Moreover, a maximum current
output limiting and the over temperature sensor have been added to protect the circuit itself. The external volt-
age applied to the STBY/MUTE pin forces the two amplifiers in the proper condition to guarantee a silent turn-
on and turn-off.
ABSOLUTE MAXIMUM RATINGS
Note 1: VCD- must not be more negative than -Vs and VCD+ must not be more positive than +VS
Note 2: All pins withstand
±2KV ESD but not pin 11
Symbol
Parameter
Value
Unit
+Vs
Positive supply voltage referred to pin 13 (GND)
30
V
-Vs
Negative supply voltage referred to pin 13 (GND)
-24
V
VCD+
Positive supply voltage tracking rail referred to pin 13 (GND)
22
V
VCD+
Positive supply voltage operated to Vs+(1)
0.3
V
VCD-
Negative supply voltage referred to -Vs (1)
-0.3
V
VCD-
Negative supply voltage tracking rail referred to pin 13 (GND)
-22
V
VAtt_Rel1
VAtt_Rel2
Pin 3, 25 Negative & Positive maximum voltage referred to GND
(pin 13)
-0.5 to +20
V
VPwr_Imp1
VPwr_Imp2
VTrk_1
VTrk_2
Pin 7, 21, 18, 10 Negative & Positive maximum voltage referred
to GND (pin 13)
-20 to +20
V
VIn_pre1
VIn_pre2
Pin 8, 20 Negative & Positive maximum voltage referred to GND
(pin 13)
-0.5 to +0.5
V
Vthreshold
Pin 17 Negative & Positive maximum voltage referred to GND
(pin 13)
-7 to +0.5
V
Istb-max
Pin 11 maximum input current (Internal voltage clamp at 5V)
500
µA
Vstbymute
Pin 11 negative maximum voltage referred to GND (pin 13)
-0.5
V
IOUT
Output Current
7.0
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com