Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA7056 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STA7056
Description  3W MONO BRIDGE AMPLIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA7056 Datasheet(HTML) 1 Page - STMicroelectronics

  STA7056 Datasheet HTML 1Page - STMicroelectronics STA7056 Datasheet HTML 2Page - STMicroelectronics STA7056 Datasheet HTML 3Page - STMicroelectronics STA7056 Datasheet HTML 4Page - STMicroelectronics STA7056 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
NO EXTERNAL COMPONENTS
NO POP AT TURN-ON/OFF
LOW POWER CONSUMPTION
SHORT CIRCUIT PROOF
DESCRIPTION
The STA7056 is a mono Bridge Amplifier assem-
bled in single in line 9 pins package.
The STA7056 is specially designed for battery fed
portable recorders, radios and TV receivers.
This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to change without notice.
March 2000
®
0.1
µF
220
µF
2
4
7
8
6
POWER GND
SIGNAL GND
Vi
VS
RS
5K
RL 16
(+)
(-)
D99AU1000B
+
-
(1)
(1) This capacitor can be omitted if the supply electrolytic capacitor is placed closer to pin 2
3
BLOCK DIAGRAM
SIP9
ORDERING NUMBER: STA7056
STA7056
3W MONO BRIDGE AMPLIFIER
PRODUCT PREVIEW
BI20II TECHNOLOGY
1/5


Similar Part No. - STA7056

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STA709 STMICROELECTRONICS-STA709 Datasheet
194Kb / 7P
AM/FM/HD-Radio??DAB automotive digital output tuner
Rev 2 - November 2019
STA709TR STMICROELECTRONICS-STA709TR Datasheet
194Kb / 7P
AM/FM/HD-Radio??DAB automotive digital output tuner
Rev 2 - November 2019
More results

Similar Description - STA7056

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7267A STMICROELECTRONICS-TDA7267A Datasheet
100Kb / 7P
3W MONO AMPLIFIER
1998-Jun
logo
Eutech Microelectronics...
EUA6204A EUTECH-EUA6204A Datasheet
384Kb / 11P
3W Mono Fully Differential Audio Power Amplifier
logo
Anpec Electronics Corop...
APA0714 ANPEC-APA0714 Datasheet
462Kb / 25P
3W Mono Fully Differential Audio Power Amplifier
APA2010B ANPEC-APA2010B Datasheet
542Kb / 19P
3W Mono Class-D Audio Power Amplifier
APA2012 ANPEC-APA2012 Datasheet
344Kb / 19P
3W Mono Class-D Audio Power Amplifier
logo
Diodes Incorporated
PAM8304 DIODES-PAM8304 Datasheet
413Kb / 11P
3W MONO CLASS D AUDIO AMPLIFIER
Rev 1
logo
Anpec Electronics Corop...
APA2012 ANPEC-APA2012_18 Datasheet
293Kb / 19P
3W Mono Class-D Audio Power Amplifier
logo
Diodes Incorporated
PAM8013 DIODES-PAM8013 Datasheet
467Kb / 9P
3W MONO CLASS D AUDIO AMPLIFIER
Rev 2
logo
Lowpower Semiconductor ...
LPA2104A POWER-LPA2104A Datasheet
390Kb / 9P
Filterless 3W Class- D Mono Audio Amplifier
logo
List of Unclassifed Man...
MD2103 ETC2-MD2103 Datasheet
207Kb / 9P
3W mono audio power amplifier
Version 1.0
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com