Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VHB50W Datasheet(PDF) 2 Page - CUI INC

Part # VHB50W
Description  half brick dc-dc converter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VHB50W Datasheet(HTML) 2 Page - CUI INC

  VHB50W Datasheet HTML 1Page - CUI INC VHB50W Datasheet HTML 2Page - CUI INC VHB50W Datasheet HTML 3Page - CUI INC VHB50W Datasheet HTML 4Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
page
date
DESCRIPTION: half brick dc-dc converter
2 of 4
03/2008
20050
SW 112th Ave. Tualatin, Oregon 97062
phone
phone 503.612.2300 fax
fax 503.612.2382
PART NUMBER: VHB50W Series
NOTES:
1. Measured from High Line to Low Line
2. Measured from Full Load to Zero Load
3. Logic Compatibility: Open Collector ref to -Input
Module ON: Open Circuit
Module OFF: < 0.8VDC
4. Suffix “N” to the model number with negative logic remote ON/OFF.
Input
Input Voltage Range
24V
9-36V
48V
18-75V
Under Voltage Lockout
12Vin power up
8.8V
12Vin power down
8V
48Vin power up
17V
48Vin power down
16V
Positive Logic Remote ON/OFF3,4
Input Filter
PI Type
Output
Voltage Accuracy
±1% max.
Transient Response: 25% Step Load Change
<500μ sec.
External Trim Adj. Range
±10%
Ripple & Noise
20MHz BW, 3.3V, 5V
40mV RMS., max
100mV pk-pk, max
12V& 15V
60mV RMS., max
150mV pk-pk, max
24V
100mV RMS., max
240mV pk-pk, max.
Temperature Coefficient
±0.03%/°C
Short Circuit Protection
Continuous
Safety
approved to UL60950-1 (E222736)
Line Regulation1
±0.2% max
Load Regulation2
±0.2% max
Over Voltage Protection trip Range, % Vo nom.
115-140%
Current Limit
110-160% Nominal Output
General Specifications
Efficiency
see table
Isolation Voltage
Input/Output
1500VDC min.
Input/Case
1500VDC min.
Output/Case
1500VDC min.
Isolation Resistance
107 Ohm min.
Switching Frequency
300KHz, Typ.
Operating Case Temperature
-40°C to 100°C
Storage Temperature
-55°C to 105°C
Thermal Shutdown, Case Temp.
100°C Typ.
Dimensions
2.28x2.40x0.50 inches
57.9x61.0x12.7mm
Case Material
aluminum



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com