Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM640FP8CS-70LL Datasheet(PDF) 6 Page - Emerging Memory & Logic Solutions Inc

Part # EM640FP8CS-70LL
Description  64K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMLSI [Emerging Memory & Logic Solutions Inc]
Direct Link  http://www.emlsi.com
Logo EMLSI - Emerging Memory & Logic Solutions Inc

EM640FP8CS-70LL Datasheet(HTML) 6 Page - Emerging Memory & Logic Solutions Inc

Back Button EM640FP8CS-70LL Datasheet HTML 2Page - Emerging Memory & Logic Solutions Inc EM640FP8CS-70LL Datasheet HTML 3Page - Emerging Memory & Logic Solutions Inc EM640FP8CS-70LL Datasheet HTML 4Page - Emerging Memory & Logic Solutions Inc EM640FP8CS-70LL Datasheet HTML 5Page - Emerging Memory & Logic Solutions Inc EM640FP8CS-70LL Datasheet HTML 6Page - Emerging Memory & Logic Solutions Inc EM640FP8CS-70LL Datasheet HTML 7Page - Emerging Memory & Logic Solutions Inc EM640FP8CS-70LL Datasheet HTML 8Page - Emerging Memory & Logic Solutions Inc EM640FP8CS-70LL Datasheet HTML 9Page - Emerging Memory & Logic Solutions Inc EM640FP8CS-70LL Datasheet HTML 10Page - Emerging Memory & Logic Solutions Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
EM611FV16 Series
Low Power, 64Kx16 SRAM
6
merging Memory & Logic Solutions Inc.
merging Memory & Logic Solutions Inc.
tRC
Address
CS
UB ,LB
OE
Data Out
tCO
tOH
tBA
tOE
High-Z
tBHZ
tOHZ
TIMING WAVEFORM OF READ CYCLE(2) (WE = VIH)
Data Valid
tOLZ
tBLZ
tLZ
tAA
tHZ
tRC
Address
tAA
Data Valid
tOH
Previous Data Valid
TIMING WAVEFORM OF READ CYCLE(1). (Address Controlled, CS=OE=V
IL, WE=V IH, UB or/andLB= VIL)
Data Out
TIMING DIAGRAMS
NOTES (READ CYCLE)
1. tHZ and tOHZ are defined as the outputs achieve the open circuit conditions and are not referanced to output voltage levels.
2. At any given temperature and voltage condition, tHZ(Max.) is less than tLZ(Min.) both for a given device and from device to device
interconnection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com