Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VOF-65 Datasheet(PDF) 1 Page - CUI INC

Part # VOF-65
Description  Switching Power Supply
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VOF-65 Datasheet(HTML) 1 Page - CUI INC

  VOF-65 Datasheet HTML 1Page - CUI INC VOF-65 Datasheet HTML 2Page - CUI INC VOF-65 Datasheet HTML 3Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
VOF-65 Series Switching Power Supply
Rev. 07-2007
1 / 3
V-INFINITY LLC, 20050 SW 112th Ave., Tualatin, OR 97062
1-866-372-1258
www.v-infinity.com
Voltage
Current
Total 1, 2
Ripple & Noise3
Efficiency
Model
(V)
(A)
Regulation
(mVp-p max)
(%)
VOF-65-3.3
3.3
8.0
±5%
50
74
VOF-65-5
5
8.0
±5%
50
78
VOF-65-7.5
7.5
6.6
±5%
75
78
VOF-65-9
9
6.6
±5%
90
82
VOF-65-12
12
5.4
±5%
120
84
VOF-65-15
15
4.3
±5%
150
85
VOF-65-24
24
2.7
±5%
240
86
VOF-65-48
48
1.35
±5%
480
88
Features
• RoHS compliant
• Universal input 85~264 Vac
• Output over-current protected
• Output over-voltage protected
• Industry standard foot-print
• Efficiency up to 88%
• Safety approved to TUV, CE; UL/cUL
• Conducted EMI meets EN55022
class B and FCC class B
Notes:
1. Measured from High Line to Low Line at Full load.
2. Measured from Full load to 10% load at 110 VAC.
3. Ripple & Noise measured at 20 MHz BW, with a 0.1 µF ceramic cap and a 10 µF electrolytic cap on the output and the two earth
ground pads are connected to input earth ground.
0
20
10
50
40
30
B mounting
A mounting
2
.Forced air(0.5m /min)
1 .Convection
3
1
2
Ambient temperature( c)
30
40
50
10
20
0
20
60
40
80
100
60
(18 CFM)
220
100
80
40
60
20
0
0
85
110
Input Voltage AC(V)
264
90
Derating Curves
1. Output Power vs. Ambient temperature
a. 3.3, 5, 7.5 V models
b. All other models
2. Output Power vs. Input Voltage
All Models
60
100
80
40
60
20
0
20
10
50
40
30
Ambient temperature( c)
2
3
1 .Convection
.Forced air(0.5m /min)
2
A mounting
B mounting
30
40
50
10
20
0
1
(18 CFM)


Similar Part No. - VOF-65

ManufacturerPart #DatasheetDescription
logo
CUI INC
VOF-65 CUI-VOF-65 Datasheet
287Kb / 5P
AC-DC POWER SUPPLY
VOF-65 CUI-VOF-65 Datasheet
285Kb / 5P
AC-DC POWER SUPPLY
VOF-65-12 CUI-VOF-65-12 Datasheet
287Kb / 5P
AC-DC POWER SUPPLY
VOF-65-12 CUI-VOF-65-12 Datasheet
285Kb / 5P
AC-DC POWER SUPPLY
VOF-65-15 CUI-VOF-65-15 Datasheet
287Kb / 5P
AC-DC POWER SUPPLY
More results

Similar Description - VOF-65

ManufacturerPart #DatasheetDescription
logo
Sparkle Power Inc.
FSP065-AAB SPI-FSP065-AAB Datasheet
115Kb / 7P
Switching Power Supply
FSP090-1ADC21 SPI-FSP090-1ADC21 Datasheet
130Kb / 7P
Switching Power Supply
logo
CUI INC
EMSA18W CUI-EMSA18W Datasheet
251Kb / 5P
SWITCHING POWER SUPPLY
EPSA120200U CUI-EPSA120200U Datasheet
241Kb / 5P
SWITCHING POWER SUPPLY
EPSA050120UB CUI-EPSA050120UB Datasheet
204Kb / 4P
SWITCHING POWER SUPPLY
EPSA050250U_1009 CUI-EPSA050250U_1009 Datasheet
238Kb / 4P
SWITCHING POWER SUPPLY
EPSA050250UB CUI-EPSA050250UB Datasheet
203Kb / 4P
SWITCHING POWER SUPPLY
EPSA050250UE CUI-EPSA050250UE Datasheet
196Kb / 4P
SWITCHING POWER SUPPLY
EPSA120150UB CUI-EPSA120150UB Datasheet
201Kb / 4P
SWITCHING POWER SUPPLY
logo
Sangdest Microelectroni...
SDURD320 SMC-SDURD320 Datasheet
187Kb / 5P
Switching Power Supply
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com