Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VPD-45B Datasheet(PDF) 1 Page - CUI INC

Part # VPD-45B
Description  45W 1~3 Output Switching Supply
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VPD-45B Datasheet(HTML) 1 Page - CUI INC

  VPD-45B Datasheet HTML 1Page - CUI INC VPD-45B Datasheet HTML 2Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
•
VPD-45B 45W 1~3 Output Switching Supply
V-Infinity, LLC, 9615 SW Allen Blvd Suite 103, Beaverton, OR 97005
www.v-infinity.com
1-866-372-1258
CH1
CH2
DC output voltage
5V
24V
Output V. tolerance
±4%
±7%
Output rated current
3.2A
1.2A
Output current range
0.4-5A
0.2-1.8A
Ripple & noise
50mVp-p
150mVp-p
Line regulation
±1%
±2%
Load regulation
±3%
±4%
DC output power
65.5W
Maximum output power
Rated output power for convection; 72W with 18 CFM min.
Efficiency
78%
DC voltage adj.
CH1:+10,-5%
Input voltage range
90~264VAC 47~440Hz ; 120~370VDC
AC current
1A/115V
0.7A/230V
Inrush current
cold start 20A/115V
40A/230V
Leakage current
<0.5mA
Overload protection
53~75W output power
type: Hiccup mode, recovers automatically after fault condition is removed
Temperature coefficient
±0.04% / ºC (0~50ºC) ON +5V output
Set up, rise, hold up time
800ms, 20ms, 20ms
Vibration
10~500Hz, 2G 10 min./1 cycle, period of 60 min. each axes
Withstand voltage
I/P-O/P: 3KVAC, I/P-FG: 1.5KVAC, O/P-FG: 0.5KVAC, for 1 min.
Isolation resistance
I/P-O/P, I/P-FG, O/P-FG: 500VDC / 100M Ohms min.
Working temp., humidity
-10°C~+60% (refer to output derating curve), 20%-90% RH
Storage temp., humidity
-20°C~+85°C, 10%-95% RH
Dimensions
5x3 x1.1 inches (127x76.2x28 mm)
Weight
0.44 lb. (0.2 Kgs)
Safety standards
UL1950, TUV EN60950
EMC standards
CISPR22 (EN55022), IEC1000-4-2,3,4,5 IEC1000-3-2,3
Notes:
1. All parameters are specified at 230VAC input, rated load, 25°C 70% RH ambient
2. Tolerance includes set up tolerance, line regulation, load regulation
3. Ripple & noise are measured at 20MHz by using a 12” twisted pair terminated with a 0.1uF & 47 uF capacitor
4. Line regulation is measured from low line to high line at rated load
5. Output provided up to maximum current, but related to maximum output power
6. Each output provide up to maximum current, but total load cannot exceed max. output power
7. Mounting holes M1 and M2 should be grounded for purposes
*V-Infinity reserves the right to make changes to its products or to discontinue any product or service without notice, and to advise cus-
tomers to verify the most up-to-date product information before placing orders. V-Infinity assumes no liability or responsibility for cus-
tomer ’s applications using V-Infinity products other than repair or replacing (at V-I’s option) V-Infinity products not meeting V-I’s pub-
lished specifications. Nothing will be covered outside of standard product warranty.
Features
·Universal AC input/Full range
·Low leakage current<0.5mA
·Protections:Short circuit/Over load/Over voltage
·Cooling by free air convection
·100% full load burn-in test
·Fixed switching frequency at 65KHz
·2 year warranty


Similar Part No. - VPD-45B

ManufacturerPart #DatasheetDescription
logo
CUI INC
VPD-45A CUI-VPD-45A Datasheet
63Kb / 2P
45W 1~3 Output Switching Supply
More results

Similar Description - VPD-45B

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
PS-45 ASTRODYNE-PS-45 Datasheet
1Mb / 8P
45W Single Output Switching Power Supply
logo
CUI INC
VPD-45A CUI-VPD-45A Datasheet
63Kb / 2P
45W 1~3 Output Switching Supply
logo
Mean Well Enterprises C...
PD-45 MEANWELL-PD-45 Datasheet
338Kb / 2P
45W Dual Output Switching Power Supply
PT-45 MEANWELL-PT-45 Datasheet
340Kb / 2P
45W Triple Output Switching Power Supply
logo
RSG Electronic Componen...
PD-45 RSG-PD-45 Datasheet
197Kb / 2P
45W Dual Output Switching Power Supply
logo
Mean Well Enterprises C...
PT-45 MEANWELL-PT-45_11 Datasheet
343Kb / 2P
45W Triple Output Switching Power Supply
PT-45_1109 MEANWELL-PT-45_1109 Datasheet
343Kb / 2P
45W Triple Output Switching Power Supply
EPS-45S MEANWELL-EPS-45S Datasheet
96Kb / 4P
45W Single Output Switching Power Supply
logo
Astrodyne Corporation
PS45 ASTRODYNE-PS45 Datasheet
322Kb / 4P
45W Single Output Switching Power Supply
PD45 ASTRODYNE-PD45 Datasheet
331Kb / 4P
45W Dual Output Switching Power Supply
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com