Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STB140NF75 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STB140NF75
Description  N-CHANNEL 75V - 0.0065 ohm -120A DPAK/IPAK/TO-220 STripFET II POWER MOSFET
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB140NF75 Datasheet(HTML) 1 Page - STMicroelectronics

  STB140NF75 Datasheet HTML 1Page - STMicroelectronics STB140NF75 Datasheet HTML 2Page - STMicroelectronics STB140NF75 Datasheet HTML 3Page - STMicroelectronics STB140NF75 Datasheet HTML 4Page - STMicroelectronics STB140NF75 Datasheet HTML 5Page - STMicroelectronics STB140NF75 Datasheet HTML 6Page - STMicroelectronics STB140NF75 Datasheet HTML 7Page - STMicroelectronics STB140NF75 Datasheet HTML 8Page - STMicroelectronics STB140NF75 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
June 2006
Rev 4
1/18
18
STP140NF75
STB140NF75 - STB140NF75-1
N-channel 75V - 0.0065
Ω - 120A - D2PAK/I2/TO-220
STripFET™ III Power MOSFET
General features
■ 100% avalanche tested
Description
This Power MOSFET is the latest development of
STMicroelectronis unique "Single Feature Size™"
strip-based process. The resulting transistor
shows extremely high packing density for low on-
resistance, rugged avalanche characteristics and
less critical alignment steps therefore a
remarkable manufacturing reproducibility.
Applications
■ Switching application
Internal schematic diagram
Type
VDSS
RDS(on)
ID
STB140NF75
75V
<0.0075
Ω
120A(1)
1.
Current limited by package
STB140NF75-1
75V
<0.0075
Ω
120A(1)
STP140NF75
75V
<0.0075
Ω
120A(1)
D2PAK
1
2
3
1
3
1
2
3
I2PAK
TO-220
www.st.com
Order codes
Part number
Marking
Package
Packaging
STB140NF75T4
B140NF75
D2PAK
Tape & reel
STB140NF75-1
B140NF75
I2PAK
Tube
STP140NF75
P140NF75
TO-220
Tube


Similar Part No. - STB140NF75

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB140NF75 STMICROELECTRONICS-STB140NF75 Datasheet
545Kb / 18P
N-channel 75V - 0.0065 - 120A - D2PAK/I2/TO-220 STripFET III Power MOSFET
28-Jun-2006
STB140NF75-1 STMICROELECTRONICS-STB140NF75-1 Datasheet
545Kb / 18P
N-channel 75V - 0.0065 - 120A - D2PAK/I2/TO-220 STripFET III Power MOSFET
28-Jun-2006
STB140NF75T4 STMICROELECTRONICS-STB140NF75T4 Datasheet
545Kb / 18P
N-channel 75V - 0.0065 - 120A - D2PAK/I2/TO-220 STripFET III Power MOSFET
28-Jun-2006
More results

Similar Description - STB140NF75

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD12NF06 STMICROELECTRONICS-STD12NF06 Datasheet
443Kb / 10P
N-CHANNEL 60V - 0.08 ohm - 12A IPAK/DPAK STripFET??II POWER MOSFET
Dec-2001
STD12NF06L STMICROELECTRONICS-STD12NF06L Datasheet
444Kb / 10P
N-CHANNEL 60V - 0.08 ohm - 12A IPAK/DPAK STripFET??II POWER MOSFET
Jun-2003
STD30NF06 STMICROELECTRONICS-STD30NF06 Datasheet
457Kb / 10P
N-CHANNEL 60V - 0.020 ohm - 28A IPAK/DPAK STripFET™ II POWER MOSFET
Mar-2002
STD35NF3LL STMICROELECTRONICS-STD35NF3LL Datasheet
468Kb / 10P
N-CHANNEL 30V - 0.014 ohm - 35A IPAK/DPAK STripFET™ II POWER MOSFET
Feb-2002
STP200NF03 STMICROELECTRONICS-STP200NF03 Datasheet
557Kb / 14P
N-CHANNEL 30V - 0.0032 ohm - 120A D²PAK/I²PAK/TO-220 STripFET™ II POWER MOSFET
Oct-2002
STP80NF55-08 STMICROELECTRONICS-STP80NF55-08 Datasheet
353Kb / 11P
N-CHANNEL 55V - 0.0065 ohm - 80A D2PAK/I2PAK/TO-220 STripFET™ II POWER MOSFET
Mar-2002
STB140NF55 STMICROELECTRONICS-STB140NF55 Datasheet
280Kb / 11P
N-CHANNEL 55V - 0.0065 ohm - 80A TO-220/D2PAK STripFET II POWER MOSFET
07-Nov-2004
STD70NH02L STMICROELECTRONICS-STD70NH02L Datasheet
490Kb / 16P
N-CHANNEL 24V - 0.0062 Ohm - 60A IPAK/DPAK STripFET II Power MOSFET
19-Jul-2006
STW220NF75 STMICROELECTRONICS-STW220NF75 Datasheet
526Kb / 8P
N-CHANNEL 75V - 0.004OHM - 120A TO-247 STripFET II POWER MOSFET
May-2003
STB140NF75T4 STMICROELECTRONICS-STB140NF75T4 Datasheet
545Kb / 18P
N-channel 75V - 0.0065 - 120A - D2PAK/I2/TO-220 STripFET III Power MOSFET
28-Jun-2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com