Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VHB200W Datasheet(PDF) 2 Page - CUI INC

Part # VHB200W
Description  half brick dc-dc converter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VHB200W Datasheet(HTML) 2 Page - CUI INC

  VHB200W Datasheet HTML 1Page - CUI INC VHB200W Datasheet HTML 2Page - CUI INC VHB200W Datasheet HTML 3Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
page
date
DESCRIPTION: half brick dc-dc converter
2 of 3
11/12/2007
20050
SW 112th Ave. Tualatin, Oregon 97062
phone
phone 503.612.2300 fax
fax 503.612.2382
PART NUMBER: VHB200W
INPUT
parameter
conditions/description
min
nom
max
units
input voltage
18
48
75
V dc
under voltage lockout
48 Vin power up
17
48 Vin power down
16
positive logic remote On/Off4 and 5
input filter
PI Type
OUTPUT
parameter
conditions/description
min
nom
max
units
voltage accuracy
±1.5%
transient response
25% Step Load Change
500
μ/sec.
External Trim Adj. Range
±10%
Ripple & Noise
20MHz BW 3.3V & 5V, 100mV pk-pk, max.
40
mV RMS
20MHz BW 12V & 15V, 150mV pk-pk, max.
60
mV RMS
20MHz BW 24V, 240mV pk-pk, max.
100
mV RMS
Temperature Coefficient
±0.03
%/°C
Short Circuit Protection
Continuous
Line Regulation1
±0.2
%
Load Regulation2
±0.2
%
Over Voltage Protection Trip Range, % Vo nom
115
140
%
Current Limit
Nominal Output
110
150
%
GENERAL SPECIFICATIONS
parameter
conditions/description
min
nom
max
units
efficiency
see table
isolation voltage
input/output
1500
V dc
input/case
1500
V dc
output/case
1500
V dc
isolation resistance
107
Ω
switching frequency
250
KHz
operating case temperature
-40
100
°C
storage temperature
-55
105
°C
thermal shutdown, case temp
110
°C
dimensions
2.28 x 2.4 x 0.25 inches (57.9 x 61.0 x 13.2mm)
case material
aluminum baseplate with plastic case
notes:
1. measured from high line to low line
2. measured from full load to zero load
3. output ripple and noise measured with 10 μF tantalum and 1 μF ceramic capacitor across output
4. logic compatibility: open collector ref to-input
module ON: >5.5 V dc to 75 V dc or open circuit
module OFF: <1.2 V dc
5. suffix “N” to the model number with negative logic remote ON/OFF
module ON: <1.2 V dc
module OFF: >5.5 V dc to 75 V dc or open circuit
6. trim-up: connect a resistor between the trim pin and +sense
trim-down: connect a resistor between the trim pin and -sense



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com