Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC2185 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC2185
Description  Low Voltage Synchronous Boost PWM Control IC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2185 Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC2185 Datasheet HTML 1Page - Micrel Semiconductor MIC2185 Datasheet HTML 2Page - Micrel Semiconductor MIC2185 Datasheet HTML 3Page - Micrel Semiconductor MIC2185 Datasheet HTML 4Page - Micrel Semiconductor MIC2185 Datasheet HTML 5Page - Micrel Semiconductor MIC2185 Datasheet HTML 6Page - Micrel Semiconductor MIC2185 Datasheet HTML 7Page - Micrel Semiconductor MIC2185 Datasheet HTML 8Page - Micrel Semiconductor MIC2185 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
October 2005
3
MIC2185
MIC2185
Micrel, Inc.
Absolute Maximum Ratings (Note 1)
Supply Voltage (VINA, VINP)..........................................15V
Digital Supply Voltage (VDD)............................................7V
Skip Pin Voltage (VSKIP)....................................–0.3V to 7V
Comp Pin Voltage (VCOMP) ...............................–0.3V to 3V
Feedback Pin Voltage (VFB)..............................–0.3V to 3V
Enable Pin Voltage (VEN/UVLO).......................–0.3V to 15V
Current Sense Voltage (VCSH) ..........................–0.3V to 1V
Sync Pin Voltage (VSYNC) ................................–0.3V to 7V
Freq/2 Pin Voltage (VFREQ/2).............................–0.3V to 7V
Power Dissipation (PD)
16 lead SOP ...................................400mW @ TA = 85°C
16 lead QSOP .................................245mW@ TA = 85°C
Ambient Storage Temp............................. –65°C to +150°C
Operating Ratings (Note 2)
Supply Voltage (VINA, VINP)......................... +2.9V to +14V
Operating Ambient Temperature...........–40°C ≤ TA ≤ +85°C
Junction Temperature.........................–40°C ≤ TJ ≤ +125°C
PackageThermal Resistance
θJA 16-lead SOP................................................100°C/W
θJA 16-lead QSOP .............................................163°C/W
ESD Rating,
Note 3
Electrical Characteristics
VINA= 5V, VinP= VOUT=12V, VEN/UVLO = 5V, VSKIP = 0V, VFREQ/2 = 0V, VCSH = 0V, TJ = 25°C, unless otherwise specified. Bold values
indicate –40°C < TJ < +125°C.
Parameter
Condition
Min
Typ
Max
Units
Regulation
Feedback Voltage Reference
(±1%)
1.233
1.245
1.258
V
(±2%)
1.220
1.270
V
3V ≤ VINA ≤ 9V; 0mV ≤ CSH ≤ 75mV; (±3%)
1.208
1.245
1.282
V
Feedback Bias Current
50
nA
Output Voltage Line Regulation
3V ≤ VINA ≤ 9V
+0.08
% / V
Output Voltage Load Regulation
0mV ≤ CSH ≤ 75mV
–1.2
%
Input & VDD Supply
VINA Input Current, PWM mode
VSKIP = 0V
0.8
mA
VINP Input Current, PWM mode
VSKIP = 0V (excluding external MOSFET gate current)
3.8
mA
VINA Input Current, SKIP mode
VSKIP = 5V
0.6
mA
Shutdown Quiescent Current
VEN/UVLO = 0V; (IVINA + IVINP)
0.5
µA
Digital Supply Voltage (VDD)
IL = 0
2.8
3.0
3.2
V
Digital Supply Load Regulation
IL = 0 to 0.5mA
0.03
V
Undervoltage Lockout
VDD upper threshold (turn on threshold)
2.9
2.75
V
VDD lower threshold (turn off threshold)
2.65
V
Reference Output (VREF)
Reference Voltage
(±1.5%)
1.226
1.245
1.264
V
(±2.5%)
1.213
1.276
V
Reference Voltage Line
5V < VinA < 9V
2
mV
Regulation
Reference Voltage Load
0 < IREF < 100µA
1
mV
Regulation
Enable/UVLO
Enable Input Threshold
0.6
0.9
1.2
V
UVLO Threshold
1.4
1.5
1.6
V
UVLO Hysteresis
140
mV
Enable Input Current
VEN/UVLO = 5V
0.2
5
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com