Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC2186 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC2186
Description  Low Voltage PWM Control IC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2186 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC2186 Datasheet HTML 1Page - Micrel Semiconductor MIC2186 Datasheet HTML 2Page - Micrel Semiconductor MIC2186 Datasheet HTML 3Page - Micrel Semiconductor MIC2186 Datasheet HTML 4Page - Micrel Semiconductor MIC2186 Datasheet HTML 5Page - Micrel Semiconductor MIC2186 Datasheet HTML 6Page - Micrel Semiconductor MIC2186 Datasheet HTML 7Page - Micrel Semiconductor MIC2186 Datasheet HTML 8Page - Micrel Semiconductor MIC2186 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
MIC2186
Micrel, Inc.
M9999-042205
2
April 2005
Pin Description
Pin Number
Pin Name
Pin Function
1
VINA
Input voltage to control circuitry (2.9V to 14V).
2
SKIP
SKIP (Input): Regulator operates in PWM mode (no pulse skipping) when
pin is pulled low, and skip mode when raised to Vdd. There is no automatic
switching between PWM and skip mode available on this device.
3SS
Soft start reduces the inrush current and delays and slows the output voltage
rise time. A 5µA current source will charge the capacitor up to Vdd.
4
COMP
Compensation (Output): Internal error amplifier output. Connect to a
capacitor or series RC network to compensate the regulator’s control loop.
5
SGND
Small signal ground: must be routed separately from other grounds to the (-)
terminal of Cout.
6FB
Feedback Input - regulates FB to 1.245V.
7
EN/UVLO
Enable/Undervoltage Lockout (input): A low level on this pin will power down
the device, reducing the quiescent current to under 0.5µA. This pin has two
separate thresholds, below 1.5V the output switching is disabled, and below
0.9V the device is forced into a complete micropower shutdown. The 1.5V
threshold functions as an accurate undervoltage lockout (UVLO) with 135mV
hysteresis.
8
VREF
The 1.245V reference is available on this pin. A 0.1µF capacitor should be
connected form this pin to SGnd.
9
CSH
The (+) input to the current limit comparator. A built in offset of 100mV
between CSH and SGnd in conjunction with the current sense resistor sets
the current limit threshold level. This is also the (+) input to the current
amplifier.
10
VDD
3V internal linear-regulator output. Vdd is also the supply voltage bus for the
chip. Bypass to SGND with 1µF. Maximum source current is 0.5mA.
11
SYNC
Frequency Synchronization (Input): Connect an external clock signal to
synchronize the oscillator. Leading edge of signal above 1.5V starts switch-
ing cycle. Connect to SGND if not used.
12
PGND
MOSFET driver power ground, connects to the bottom of the current sense
resistor and the (–) terminal of C
IN.
13
HIDC
High Duty Cycle. Sets duty cycle and frequency along with Freq/2. Logic
HIGH sets 85% maximum duty cycle. Logic LOW sets 50% maximum duty
cycle. See applications section for more information.
14
OUTN
High current drive for N channel MOSFET. Voltage swing is from ground to
V
IN. RON is typically 1.6Ω.
15
FREQ/2
Sets duty cycle and frequency along with HiDC. See applications section for
more information.
16
VINP
Power input voltage to the gate drive circuitry (2.9V to 14V). This pin is
normally connected to the output voltage.
Pin Configuration
1
VINA
SKIP
SS
COMP
SGND
FB
EN/UVLO
VREF
16 VINP
FREQ/2
OUTN
HIDC
PGND
SYNC
VDD
CSH
15
14
13
12
11
10
9
2
3
4
5
6
7
8
16-pin Narrow Body SOP (M)
16-pin QSOP (QS)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com