Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC2287 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC2287
Description  1.2MHz PWM White LED Driver with OVP in 2mm 횞 2mm MLF??and Thin SOT-23
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2287 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC2287 Datasheet HTML 1Page - Micrel Semiconductor MIC2287 Datasheet HTML 2Page - Micrel Semiconductor MIC2287 Datasheet HTML 3Page - Micrel Semiconductor MIC2287 Datasheet HTML 4Page - Micrel Semiconductor MIC2287 Datasheet HTML 5Page - Micrel Semiconductor MIC2287 Datasheet HTML 6Page - Micrel Semiconductor MIC2287 Datasheet HTML 7Page - Micrel Semiconductor MIC2287 Datasheet HTML 8Page - Micrel Semiconductor MIC2287 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
MIC2287
Micrel, Inc.
M9999-070105
2
July 2005
Pin Description
Pin Number
Pin Number
TSOT-23-5 2mm ×2mm MLF™ Pin Name
Pin Function
1
7
SW
Switch node (Input): Internal power BIPOLAR collector.
2
GND
Ground (Return): Ground.
3
6
FB
Feedback (Input): Output voltage sense node. Connect the cathode of the
LED to this pin. A resistor from this pin to ground sets the LED current.
4
3
EN
Enable (Input): Logic high enables regulator. Logic low shuts down regula-
tor.
5
2
VIN
Supply (Input): 2.5V to 10V for internal circuitry.
—
1
OVP
Overvoltage protection (Input): Connect to the output.
—
4
AGND
Analog ground.
—
8
PGND
Power ground.
—
5
NC
No connect (no internal connection to die).
—
EP
GND
Ground (Return): Exposed backside pad.
Pin Configuration
FB GND
EN
VIN
SW
3
1
5
2
4
TSOT-23-5 (BD5)
OUT
VIN
EN
GND
GND
SW
FB
NC
1
2
3
4
8
7
6
5
EP
8-Pin MLF™ (BML)
(Top View)
Fused Lead Frame
Ordering Information
Marking
Overvoltage
Junction
Part Number
Code
Protection
Temp. Range
Package
Lead Finish
MIC2287BD5
SGAA
N/A
–40°C to 125°C
Thin SOT-23-5
Standard
MIC2287YD5
SGAA
N/A
–40°C to 125°C
Thin SOT-23-5
Lead Free
MIC2287-15BML
SLA
15V
–40°C to 125°C 2mm x 2mm MLF™
Standard
MIC2287-15YML
SLA
15V
–40°C to 125°C 2mm x 2mm MLF™
Lead Free
MIC2287-24BML
SLB
24V
–40°C to 125°C 2mm x 2mm MLF™
Standard
MIC2287-24YML
SLB
24V
–40°C to 125°C 2mm x 2mm MLF™
Lead Free
MIC2287-34BML
SLC
34V
–40°C to 125°C 2mm x 2mm MLF™
Standard
MIC2287-34YML
SLC
34V
–40°C to 125°C 2mm x 2mm MLF™
Lead Free



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com