Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST93C46CM1TR Datasheet(PDF) 8 Page - STMicroelectronics

Part # ST93C46CM1TR
Description  1K 64 x 16 or 128 x 8 SERIAL MICROWIRE EEPROM
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST93C46CM1TR Datasheet(HTML) 8 Page - STMicroelectronics

Back Button ST93C46CM1TR Datasheet HTML 4Page - STMicroelectronics ST93C46CM1TR Datasheet HTML 5Page - STMicroelectronics ST93C46CM1TR Datasheet HTML 6Page - STMicroelectronics ST93C46CM1TR Datasheet HTML 7Page - STMicroelectronics ST93C46CM1TR Datasheet HTML 8Page - STMicroelectronics ST93C46CM1TR Datasheet HTML 9Page - STMicroelectronics ST93C46CM1TR Datasheet HTML 10Page - STMicroelectronics ST93C46CM1TR Datasheet HTML 11Page - STMicroelectronics ST93C46CM1TR Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
AI00879B
S
ERASE
11
D
Q
ADDR
OP
CODE
1
BUSY
READY
CHECK
STATUS
S
ERASE
ALL
10
D
Q
OP
CODE
1
BUSY
READY
CHECK
STATUS
00
An
A0
Xn X0
ADDR
Figure 7. ERASE, ERAL Sequences
(Q = 0) will be returned if S is driven high, and the
ST93C46 will ignore any data on the bus. When the
write cycle is completed, the Ready signal (Q = 1)
will indicate (if S is driven high) that the ST93C46
is ready to receive a new instruction.
The Write instruction includes an automatic Erase
cycle before writing the data, it is therefore unnec-
essary to execute an Erase instruction before a
Write instruction execution.
Erase All
The Erase All instruction (ERAL) erases the whole
memory (all memory bits are set to ”1”). A dummy
address is input during the instruction transfer and
the erase is made in the same way as the ERASE
instruction above. If the ST93C46 is still performing
the write cycle, the Busy signal (Q = 0) will be
returned if S is driven high, and the ST93C46 will
ignore any data on the bus. When the write cycle
is completed, the Ready signal (Q = 1) will indicate
(if S is driven high) that the ST93C46 is ready to
receive a new instruction.
Write All
For correct operation, an ERAL instruction should
be executed before the WRAL instruction.
The Write All instruction (WRAL) writes the Data
Input byte or word to all the addresses of the
memory. In the WRAL instruction, NO automatic
erase is made so all bytes/words must be erased
before the WRAL instruction. If the ST93C46 is still
performing the write cycle, the Busy signal (Q = 0)
will be returned if S is driven high, and the ST93C46
will ignore any data on the bus. When the write
cycle is completed, the Ready signal (Q = 1) will
indicate (if S is driven high) that the ST93C46 is
ready to receive a new instruction.
Notes: 1. An: n = 5 for x16 org. and 6 for x8 org.
2. Xn: n = 3 for x16 org. and 4 for x8 org.
INSTRUCTIONS (cont’d)
8/13
ST93C46A/46C/46T, ST93C47C/47T



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com