Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC4451CT Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC4451CT
Description  12A-Peak Low-Side MOSFET Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC4451CT Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC4451CT Datasheet HTML 1Page - Micrel Semiconductor MIC4451CT Datasheet HTML 2Page - Micrel Semiconductor MIC4451CT Datasheet HTML 3Page - Micrel Semiconductor MIC4451CT Datasheet HTML 4Page - Micrel Semiconductor MIC4451CT Datasheet HTML 5Page - Micrel Semiconductor MIC4451CT Datasheet HTML 6Page - Micrel Semiconductor MIC4451CT Datasheet HTML 7Page - Micrel Semiconductor MIC4451CT Datasheet HTML 8Page - Micrel Semiconductor MIC4451CT Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
July 2005
1
MIC4451/4452
MIC4451/4452
Micrel, Inc.
General Description
MIC4451 and MIC4452 CMOS MOSFET drivers are tough,
efficient, and easy to use. The MIC4451 is an inverting driver,
while the MIC4452 is a non-inverting driver.
Both versions are capable of 12A (peak) output and can drive
the largest MOSFETs with an improved safe operating mar-
gin. The MIC4451/4452 accepts any logic input from 2.4V to
V
S without external speed-up capacitors or resistor networks.
Proprietary circuits allow the input to swing negative by as
much as 5V without damaging the part. Additional circuits
protect against damage from electrostatic discharge.
MIC4451/4452 drivers can replace three or more discrete
components, reducing PCB area requirements, simplifying
product design, and reducing assembly cost.
Modern Bipolar/CMOS/DMOS construction guarantees
freedom from latch-up. The rail-to-rail swing capability of
CMOS/DMOS insures adequate gate voltage to the MOS-
FET during power up/down sequencing. Since these devices
are fabricated on a self-aligned process, they have very low
crossover current, run cool, use little power, and are easy
to drive.
Features
• BiCMOS/DMOS Construction
• Latch-Up Proof: Fully Isolated Process is Inherently
Immune to Any Latch-up.
• Input Will Withstand Negative Swing of Up to 5V
• Matched Rise and Fall Times ............................... 25ns
• High Peak Output Current .............................12A Peak
• Wide Operating Range .............................. 4.5V to 18V
• High Capacitive Load Drive ...........................62,000pF
• Low Delay Time .............................................30ns Typ.
• Logic High Input for Any Voltage from 2.4V to V
S
• Low Supply Current .............. 450µA With Logic 1 Input
• Low Output Impedance .........................................1.0Ω
• Output Voltage Swing to Within 25mV of GND or V
S
• Low Equivalent Input Capacitance (typ) ................. 7pF
Applications
• Switch Mode Power Supplies
• Motor Controls
• Pulse Transformer Driver
• Class-D Switching Amplifiers
• Line Drivers
• Driving MOSFET or IGBT Parallel Chip Modules
• Local Power ON/OFF Switch
• Pulse Generators
Functional Diagram
IN
OUT
MIC4451
INVERTING
MIC4452
NONINVERTING
0.1mA
0.3mA
2kΩ
VS
GND
MIC4451/4452
12A-Peak Low-Side MOSFET Driver
Bipolar/CMOS/DMOS Process
Micrel, Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel + 1 (408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com


Similar Part No. - MIC4451CT

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC4451CT MICREL-MIC4451CT Datasheet
105Kb / 10P
12A-Peak Low-Side MOSFET Driver Bipolar/CMOS/DMOS Process
More results

Similar Description - MIC4451CT

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC4451 MICREL-MIC4451 Datasheet
105Kb / 10P
12A-Peak Low-Side MOSFET Driver Bipolar/CMOS/DMOS Process
MIC4120 MICREL-MIC4120 Datasheet
209Kb / 11P
6A-Peak Low-Side MOSFET Driver
logo
Sensitron
SHD852002 SENSITRON-SHD852002 Datasheet
43Kb / 3P
12A-Peak Low Side Dual MOSFET Driver 12A-Peak Low Side Dual MOSFET Driver
logo
Micrel Semiconductor
MIC4120 MICREL-MIC4120_05 Datasheet
196Kb / 10P
6A-Peak Low-Side MOSFET Driver
MIC4420 MICREL-MIC4420_05 Datasheet
228Kb / 12P
6A-Peak Low-Side MOSFET Driver
MIC4451 MICREL-MIC4451_11 Datasheet
521Kb / 14P
12A-Peak Low-Side MOSFET Driver
MIC4420YM MICREL-MIC4420YM Datasheet
231Kb / 12P
6A-Peak Low-Side MOSFET Driver
MIC4422YN MICREL-MIC4422YN Datasheet
241Kb / 12P
9A-Peak Low-Side MOSFET Driver
MIC4420ZN MICREL-MIC4420ZN Datasheet
231Kb / 12P
6A-Peak Low-Side MOSFET Driver
logo
Microchip Technology
MIC4451 MICROCHIP-MIC4451 Datasheet
2Mb / 24P
12A Peak Low-Side MOSFET Drivers
09/14/21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com