Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC4827 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC4827
Description  Low Input Voltage, 180VPP Output Voltage, EL Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC4827 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC4827 Datasheet HTML 1Page - Micrel Semiconductor MIC4827 Datasheet HTML 2Page - Micrel Semiconductor MIC4827 Datasheet HTML 3Page - Micrel Semiconductor MIC4827 Datasheet HTML 4Page - Micrel Semiconductor MIC4827 Datasheet HTML 5Page - Micrel Semiconductor MIC4827 Datasheet HTML 6Page - Micrel Semiconductor MIC4827 Datasheet HTML 7Page - Micrel Semiconductor MIC4827 Datasheet HTML 8Page - Micrel Semiconductor MIC4827 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
MIC4827
Micrel
MIC4827
2
January 2005
Pin Configuration
1
VDD
RSW
REL
GND
8VA
VB
CS
SW
7
6
5
2
3
4
8-Pin MSOP Package (MM)
Pin Description
Pin Number
Pin Name
Pin Function
1
VDD
Supply (Input): 1.8V to 5.5V for internal circuitry.
2
RSW
Switch Resistor (External Component): Set switch frequency of the internal
power MOSFET by connecting an external resistor to VDD. Connecting the
external resistor to GND disables the switch oscillator and shuts down the
device.
3
REL
EL Resistor (External Component): Set EL frequency of the internal H-bridge
driver by connecting an external resistor to VDD. Connecting the external
resistor to GND disables the EL oscillator.
4
GND
Ground Return.
5SW
Switch Node (Input): Internal high-voltage power MOSFET drain.
6CS
Regulated Boost Output (External Component): Connect to the output
capacitor of the boost regulator and connect to the cathode of the diode.
7VB
EL Output: Connect to one end of the EL lamp. Polarity is not important.
8VA
EL Output: Connect to the other end of the EL lamp. Polarity is not impor-
tant.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com