Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC5021 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC5021
Description  High-Speed High-Side MOSFET Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5021 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC5021 Datasheet HTML 1Page - Micrel Semiconductor MIC5021 Datasheet HTML 2Page - Micrel Semiconductor MIC5021 Datasheet HTML 3Page - Micrel Semiconductor MIC5021 Datasheet HTML 4Page - Micrel Semiconductor MIC5021 Datasheet HTML 5Page - Micrel Semiconductor MIC5021 Datasheet HTML 6Page - Micrel Semiconductor MIC5021 Datasheet HTML 7Page - Micrel Semiconductor MIC5021 Datasheet HTML 8Page - Micrel Semiconductor MIC5021 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
MIC5021
Micrel, Inc.
MIC5021
2
July 2005
Pin Description
Pin Number
Pin Name
Pin Function
1
VDD
Supply: +12V to +36V. Decouple with ≥ 10µF capacitor.
2
Input
TTL Compatible Input: Logic high turns the external MOSFET on. An inter-
nal pull-down returns an open pin to logic low.
3
CT
Retry Timing Capacitor: Controls the off time (tG(OFF)) of the overcurrent
retry cycle. (Duty cycle adjustment.)
• Open = approx. 20% duty cycle.
• Capacitor to Ground = approx. 20% to < 1% duty cycle.
• Pull-up resistor = approx. 20% to approx. 75% duty cycle.
• Ground = maintained shutdown upon overcurrent condition.
4
Gnd
Circuit Ground
5
Sense +
Current Sense Comparator (+) Input: Connect to high side of sense resistor
or current sensing MOSFET sense lead. A built-in offset in conjunction with
RSENSE sets the load overcurrent trip point.
6
Sense –
Current Sense Comparator (–) Input: Connect to the low side of the sense
resistor (usually the high side of the load).
7
Gate
Gate Drive: Drives the gate of an external power MOSFET. Also limits VGS
to 15V max. to prevent Gate-to-Source damage. Will sink and source cur-
rent.
8
VBOOST
Charge Pump Boost Capacitor: A bootstrap capacitor from VBOOST to the
FET source pin supplies charge to quickly enhance the Gate output during
turn-on.
Pin Configuration
1
2
3
4
8
7
6
5
V DD
Input
CT
Gnd
V BOOST
Gate
Sense-
Sense+
1
2
3
4
8
7
6
5
V BOOST
Gate
Sense-
Sense+
V DD
Input
CT
Gnd
Block Diagram
Sense-
Sense+
6V Internal Regulator
CINT
I1
2I1
50mV
Input
ONE-
SHOT
Gate
CT
6V
OFF
ON
Fault
Normal
I2
10I2
15V
Q1
CHARGE
PUMP
VDD
VBOOST
Transistor: 106
DIP Package
SOIC Package
(N)
(M)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com