Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM681FV8A Datasheet(PDF) 2 Page - Emerging Memory & Logic Solutions Inc

Part # EM681FV8A
Description  1M x 8 bit Low Power and Low Voltage Full CMOS Static RAM
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMLSI [Emerging Memory & Logic Solutions Inc]
Direct Link  http://www.emlsi.com
Logo EMLSI - Emerging Memory & Logic Solutions Inc

EM681FV8A Datasheet(HTML) 2 Page - Emerging Memory & Logic Solutions Inc

  EM681FV8A Datasheet HTML 1Page - Emerging Memory & Logic Solutions Inc EM681FV8A Datasheet HTML 2Page - Emerging Memory & Logic Solutions Inc EM681FV8A Datasheet HTML 3Page - Emerging Memory & Logic Solutions Inc EM681FV8A Datasheet HTML 4Page - Emerging Memory & Logic Solutions Inc EM681FV8A Datasheet HTML 5Page - Emerging Memory & Logic Solutions Inc EM681FV8A Datasheet HTML 6Page - Emerging Memory & Logic Solutions Inc EM681FV8A Datasheet HTML 7Page - Emerging Memory & Logic Solutions Inc EM681FV8A Datasheet HTML 8Page - Emerging Memory & Logic Solutions Inc EM681FV8A Datasheet HTML 9Page - Emerging Memory & Logic Solutions Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
EM681FV8A
Low Power, 1Mx8 SRAM
2
Name
Function
Name
Function
CS
Chip select inputs
Vcc
Power Supply
OE
Output Enable input
Vss
Ground
WE
Write Enable input
NC
No Connected
A0~A19 Address Inputs
I/O0~I/O7 Data Inputs/outputs
I/O Circuit
Column Select
Data
Cont
Pre-charge Circuit
Memory Array
2048 x 4096
A1
A2
A3
A4
A5
A6
A7
A0
A8
A9
A11 A12 A13 A14 A15 A16 A17
WE
OE
CS
I/O0 ~ I/O7
VCC
VSS
Control Logic
FUNCTIONAL BLOCK DIAGRAM
A10
PAD DIAGRAM
A18A19
PAD DESCRIPTION
x
y+
(0, 0)
EM681FV8A (Single C/S)
EMLSI LOGO
FEATURES
- Process Technology : 0.15
µm Full CMOS
-
Organization : 1M x 8 bit
-
Power Supply Voltage
=> EM681FV8A : 2.7V ~ 3.6V
-
Low Data Retention Voltage : 1.5V (Min.)
-
Three state output and TTL Compatible
-
Packaged product designed for 45/55/70ns
GENERAL PHYSICAL SPECIFICATIONS
-
Backside die surface of polished bare silicon
-
Typical Die Thickness = 725um +/-15um
-
Typical top-level metallization :
=> Metal (Ti/AlCu/TiN/ARC SiON/SiO2) : 5.2K Angstroms
-
Topside Passivation :
=> Passivation (HDP/pNIT/PIQ) : 5.4K Angstroms
-
Wafer diameter : 8 inch
BONDING INSTRUCTIONS
The 8M full CMOS LP SRAM die has total 56pads. Refer to the bond pad location and identification table for X, Y coordinates.
EMLSI recommends using a bond wire on back side of die onto Vss bond pad for improved noise immunity.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com